Electronic Components Datasheet Search
  English  ▼

X  

ADP5052 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5052
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052 Datasheet(HTML) 1 Page - Analog Devices

  ADP5052 Datasheet HTML 1Page - Analog Devices ADP5052 Datasheet HTML 2Page - Analog Devices ADP5052 Datasheet HTML 3Page - Analog Devices ADP5052 Datasheet HTML 4Page - Analog Devices ADP5052 Datasheet HTML 5Page - Analog Devices ADP5052 Datasheet HTML 6Page - Analog Devices ADP5052 Datasheet HTML 7Page - Analog Devices ADP5052 Datasheet HTML 8Page - Analog Devices ADP5052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Integrated Power Solution with Quad Buck
Regulators and Supervisory Circuits
Data Sheet
ADP5053
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property oftheir respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2016 Analog Devices, Inc. All rights reserved.
Technica l Support
www.analog.com
FEATURES
Wide input voltage range: 4.5 V to 15.0 V
±1.5% output accuracy over full temperature range
250 kHz to 1.4 MHz adjustable switching frequency
Adjustable/fixed output options via factory fuse
Power regulation
Channel 1 and Channel 2: programmable 1.2 A/2.5 A/4 A
sync buck regulators with low-side FET driver
Channel 3 and Channel 4: 1.2 A sync buck regulators
Single 8 A output (Channel 1 and Channel 2 operated in parallel)
Precision enable with 0.8 V accurate threshold
Active output discharge switch
FPWM or automatic PWM/PSM selection
Frequency synchronization input or output
Optional latch-off protection on OVP/OCP failure
Power-good flag on selected channels
UVLO, OCP, and TSD protection
Open-drain processor reset with external adjustable
threshold monitoring
Watchdog refresh input
Manual reset input
APPLICATIONS
Small cell base stations
FPGA and processor applications
Security and surveillance
Medical applications
TYPICAL APPLICATION CIRCUIT
CHANNEL 2
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 3
BUCK REGULATOR
(1.2A)
OSCILLATOR
INT VREG
100mA
Q1
Q2
L1
L2
VREG
SYNC/MODE
RT
FB1
BST1
SW1
DL1
PGND
DL2
SW2
BST2
FB2
L3
BST3
SW3
FB3
PGND3
L4
VREG
BST4
SW4
FB4
PGND4
VREG
PVIN1
COMP1
EN1
PVIN2
COMP2
EN2
PVIN3
SS34
COMP3
EN3
PVIN4
COMP4
EN4
C2
C1
C4
C3
C5
C6
C7
C8
C9
C10
C11
C12
C13
4.5V TO 15V
VOUT1
VOUT2
VOUT3
VOUT4
VOUTx
RILIM1
RILIM2
VREG
EXPOSED PAD
SS12
C0
VDD
WATCHDOG
AND RESET
VTH
WDI
MR
RSTO
ADP5053
CHANNEL 1
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 4
BUCK REGULATOR
(1.2A)
PWRGD
Figure 1.
GENERAL DESCRIPTION
The ADP5053 combines four high performance buck regulators,a
supervisory circuit, a watchdog timer, and a manual reset in a
48-lead LFCSP package thatmeets demandingperformance and
board space requirements. The device enables direct connection
to high input voltages up to 15.0 V with no preregulators.
Channel 1 and Channel 2 integrate high-sidepower MOSFET and
low-side MOSFET drivers.External NFETs can be used in low-side
power devices to achieve an efficiency optimized solution and
deliver a programmable outputcurrentof 1.2A, 2.5A, or 4 A.
Combining Channel 1 and Channel 2 in a parallel configuration
can provide a single outputwith up to 8 A ofcurrent.
Channel 3 and Channel 4 integrate both high-side and low-side
MOSFETs to deliver an output current of 1.2 A.
The switching frequency of the ADP5053 can be programmed
or synchronized to an external clock. The ADP5053 contains a
precision enable pinon each channel for easy power-up sequencing
or adjustable UVLO threshold.
The ADP5053 contains supervisory circuits that monitor the
voltage level. The watchdog timer can generate a reset if the
WDI pin is not toggled withina preset timeout period.Processor
reset mode or system power on/off switch mode can be selected
for manual reset functionality.
Table 1. Family Models
Model
Channels
I2C
Package
ADP5050
Four bucks, one LDO
Yes
48-Lead LFCSP
ADP5051
Four bucks, supervisory
Yes
48-Lead LFCSP
ADP5052
Four bucks, one LDO
No
48-Lead LFCSP
ADP5053
Four bucks, supervisory
No
48-Lead LFCSP
ADP5054
Four high current bucks
No
48-Lead LFCSP


Similar Part No. - ADP5052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5052-EVALZ AD-ADP5052-EVALZ Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5052ACPZ-R7 AD-ADP5052ACPZ-R7 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
More results

Similar Description - ADP5052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5050 AD-ADP5050 Datasheet
1Mb / 60P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
logo
Anpec Electronics Corop...
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
Quad Buck Regulator Integrated Power Solution
REV. B
logo
Texas Instruments
TPS51216-EP TI1-TPS51216-EP Datasheet
1Mb / 34P
Memory Power Solution Synchronous Buck Controller
logo
Leadtrend Technology
LD9852 LEADTREND-LD9852 Datasheet
490Kb / 13P
Non-isolation Buck Solution High Power Factor LED Controller with MOS Integrated
logo
Analog Devices
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
Triple Buck Regulator Integrated Power Solution
5/2020-Revision 0
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com