Electronic Components Datasheet Search
  English  ▼

X  

ADP5052 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5052
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5052 Datasheet HTML 19Page - Analog Devices ADP5052 Datasheet HTML 20Page - Analog Devices ADP5052 Datasheet HTML 21Page - Analog Devices ADP5052 Datasheet HTML 22Page - Analog Devices ADP5052 Datasheet HTML 23Page - Analog Devices ADP5052 Datasheet HTML 24Page - Analog Devices ADP5052 Datasheet HTML 25Page - Analog Devices ADP5052 Datasheet HTML 26Page - Analog Devices ADP5052 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 22 of 36
Watchdog Input
The ADP5053 features a watchdog timer that monitors
microprocessor activity. A timer circuit is cleared with every
low to high or high to low logic transition on the watchdog
input pin (WDI), which detects pulses as short as 80 ns. If the
timer proceeds through the preset watchdog timeout period (tWD),
reset is asserted. The microprocessor is required to toggle the WDI
pin to avoid being reset. Therefore, failure of the microprocessor
to toggle the WDI pin within the timeout period indicates a
code execution error, and the reset pulse generated restarts the
micro-processor in a known state. Four options are available for the
watchdog timeout period via the factory fuse: 6.3 ms, 102 ms,
1600 ms (default), or 25.6 sec.
In addition to the logic transition on the WDI pin, the watchdog
timer is also cleared by a reset assertion due to an undervoltage
condition on VOUT2. When a reset is asserted, the watchdog timer
clears, and the timer does not begin counting again until the
reset is deasserted. Disable the watchdog timer by leaving WDI
floating or by three-stating the WDI driver. Figure 44 shows the
watchdog timing diagram.
VTH
VOUT2
VOUT2
WDI
1V
0V
0V
0V
VOUT2
VOUT2
tRP
tRP
tWD
RSTO
Figure 44. Watchdog Timing Diagram
Manual Reset Input
The ADP5053 features a manual reset input (MR pin, active low)
with two operation modes: processor manual reset mode or
power on/off switch mode. The default setting is the processor
manual reset mode; however, MR operation mode selection can
be configured by factory fuse.
The MR input has an internal 55 kΩ pull-up resistor so that the
input remains high when unconnected. To generate a reset,
connect an external push-button switch between MR and
ground. Noise immunity is provided on the MR input, and fast,
negative going transients of up to 100 ns (typical) are ignored. A
0.1 μF capacitor between MR and ground provides additional
noise immunity.
Processor Manual Reset Mode
In processor manual reset mode, when MR is driven low, the
reset output is asserted. When MR transitions from low to high,
the reset remains asserted for the duration of the reset active
timeout period (tRP) before deasserting. Figure 45 shows the
behavior of the MR pin in processor manual reset mode.
MR
MR EXTERNALLY
DRIVEN LOW
RSTO
VCC
tRP
tRP
VTH
VTH
Figure 45. MR Timing Diagram in Processor Reset Mode
Power On/Off Switch Mode
In power on/off switch mode, when MR is driven low for more
than 4 sec, all channels in the ADP5053 shut down, and the
internal control registers reset. In this shutdown standby condition,
if MR is driven low for 500 ms again, all channels in the
ADP5053 restart according to the individual ENx pin status.
Figure 46 shows the MR timing diagram in power on/off switch
mode.
To prepare for automatic startup, clear the MR shutdown
condition by pulling down all external ENx pins.
500ms
4s
1s
BLANKING
tRP
tRP
SEQUENCE
START-UP
SEQUENCE
START-UP
MR SHUTDOWN BY 4s
MR TIMER
MR SHUTDOWN
MODE
FORCE RSTO
LOW IN SHUTDOWN
MODE
RESTART ALL POWER
BY 500ms MR TIMER
MR
(USED AS ON/OFF SWITCH)
VOUT1 TO
VOUT4
PVINx/ENx
RSTO
Figure 46. MR Timing Diagram in Power On/Off Switch Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com