Electronic Components Datasheet Search
  English  ▼

X  

ADR3440 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR3440
Description  Devices Connected
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3440 Datasheet(HTML) 2 Page - Analog Devices

  ADR3440 Datasheet HTML 1Page - Analog Devices ADR3440 Datasheet HTML 2Page - Analog Devices ADR3440 Datasheet HTML 3Page - Analog Devices ADR3440 Datasheet HTML 4Page - Analog Devices ADR3440 Datasheet HTML 5Page - Analog Devices ADR3440 Datasheet HTML 6Page - Analog Devices ADR3440 Datasheet HTML 7Page - Analog Devices ADR3440 Datasheet HTML 8Page - Analog Devices ADR3440 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CN-0287
Circuit Note
Rev. C | Page 2 of 9
Figure 1. 4-Channel Thermocouple and RTD Circuit (Simplified Schematic: All Connections and Decoupling Not Shown)
CIRCUIT DESCRIPTION
Temperature Measurement Introduction
Thermocouples and RTDs (resistance temperature detectors)
are the most frequently used sensors for temperature
measurement in industrial applications. Thermocouples are
able to measure very high temperatures up to about +2300°C
and also have a fast response time (measured in fractions of a
second). RTDs are capable of higher accuracy and stability than
thermocouples, and the resistance of long wire lengths
(hundreds of meters) to a remote RTD can be compensated for
with 3- or 4-wire connections.
A thermocouple consists of two wires of different metals joined
at one end. This end is placed at the temperature which is to be
measured, refered to as the measurement junction. The other
end is connected to a precision voltage measurement unit, and
this connection is referred to as the reference junction or alternately
the cold junction. The temperature difference between the
measurement junction and the cold junction generates a voltage
(known as the Seebeck effect voltage) that is related to the
difference between the temperatures of the two junctions. The
signal generated is typically from several microvolts to tens of
millivolt depending on the temperature difference.
For example, K-type thermocouples are capable of measuring
−200°C to +1350°C with an output range of approximately −10
mV to +60 mV. It is important for the signal chain to maintain
as high impedance and low leakage as possible to achieve the
highest accuracy for the voltage measurement. In order to
convert this voltage to an absolute temperature, the cold junction
temperature must be accurately known. Traditionally 1°C to 2°C
has been considered sufficient, although since the cold junction
measurement error contributes directly to the absolute
temperature error, a higher accuracy cold junction temperature
measurement is beneficial
An RTD is made from a pure material, such as platinum, nickel
or copper, that has a predictable change in resistance as the
temperature changes.The most widely used RTD is platinum
(Pt100 and Pt1000).
One method used to accurately measure the resistance is to
measure the voltage across the RTD generated by a constant
current source. Errors in the current source can be cancelled by
referring the measurement to the voltage generated across a
AD7193
REFIN2(–)
REFIN2(+)
AIN8
AIN7
AIN2
AIN1
1.69k
Ω
1.69k
Ω
1.69k
Ω
1.69k
Ω
1.69k
Ω
+5V
300
Ω
300
Ω
300
Ω
300
Ω
300
Ω
1.69k
Ω
300
Ω
1.69k
Ω
300
Ω
1.69k
Ω
300
Ω
1.69k
Ω
300
Ω
1nF
1nF
+5V
+5V
27nF
1nF
1nF
+5V
+5V
+5V
+5V
+5V
+5V
27nF
D
S
IN
ADG702
1kΩ
R3
C2
C2
C2
S1
S2
S7
S8
SCLK
D
DIN
SYNC
ADG738
DOUT
PWR-ON
PRESET
A
W
B
SHDN
VDD
VSS
CS
CLK
SDI
GND
AD5201
LOGIC
CONTROL
+5V
+4.096V
P2
P3
ADR3440
VOUT
FORCE
SENSE
FORCE
SENSE
GND
+5V
REFIN1(+) REFIN1(0)
+4.096V
AD8603
ADT7310
SCLK
DOUT
DIN
CT
INT
SCLK
DOUT
DIN
CT
INT
COLD JUNCTION COMPENSATION
SCLK
GND
CS
ADT7310_CS
SCLK
DIN
ADG738_CS
SCLK
DOUT
DIN
CS
SCLK
DOUT
DIN
AD7193_CS
DGND
AGND
+5V
SCLK
DIN
+5V
+5V
V–
V+
0.1µF
10µF
+5V
AINCOM
AIN4
AIN3
AIN6
AIN5
JP1
1
2
3
1
2
3
1
2
3
4
1
2
3
4
JP4
+5V
THERMOCOUPLE:
RTD 2,3W
RTD 4W
CH 1
CH 4
4.02k
Ω
0.1%
10ppm
+5V
5.6V
ZENER DIODE
0
Ω
: ANALOG GROUND
: DIGITAL GROUND
DVDD
AVDD
GND1
GNDISO
+5VISO
VDD1
GND2
VDD2
VIA
VIB
VOA
VOB
ADuM1280
+5V
CT
INT
CTISO
INTISO
GNDISO
GND2
VDD2
GND1
VDD1
VOA
VOB
VIA
VIB
+5VISO
+5V
ADuM1280
ADT7310_CS
ADG738_CS
ADT7310_CS ISO
ADG738_CSISO
SCLK
DOUT
DIN
ADuM5401
AD7193_CS
AD7193_CS ISO
GNDISO
DINISO
SCLKISO
DOUTISO
GNDISO
VDD1
VISO
GND1
VOA
VOA
VOC
VID
VIA
VIB
VIC
VOD
+5VISO
+5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com