Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G06DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06DBVT
Description  SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G06DBVT Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G06DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74LVC1G06
SINGLE INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES295N – JUNE 2000 – REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A
Y
2.2
6.5
1.1
4
1.2
4
1
3
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
3
3
4
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com