Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G06DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06DBVT
Description  SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G06DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G06DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74LVC1G06
SINGLE INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES295N – JUNE 2000 – REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
VCC
Supply voltage
Data retention only
1.5
V
V
High-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× VCC
V
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VIH
High-level input voltage
VCC = 3 V to 3.6 V
2
V
VCC = 4.5 V to 5.5 V
0.7
× VCC
V
Low-level input voltage
VCC = 1.65 V to 1.95 V
0.35
× VCC
V
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VIL
Low-level input voltage
VCC = 3 V to 3.6 V
0.8
V
VCC = 4.5 V to 5.5 V
0.3
× VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
5.5
V
I
Low-level output current
VCC = 1.65 V
4
mA
I
Low-level output current
VCC = 2.3 V
8
mA
IOL
Low-level output current
VCC = 3 V
16
mA
OL
VCC = 3 V
24
VCC = 4.5 V
32
t/ v
Input transition rise or fall rate
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
ns/V
∆t/∆v Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
V
IOL = 100 mA
1.65 V to 5.5 V
0.1
V
V
IOL = 4 mA
1.65 V
0.45
V
VOL
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
A input
VI = 5.5 V or GND
0 to 5.5 V
±5
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
4
pF
Co
VO = VCC or GND
3.3 V
5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com