Electronic Components Datasheet Search
  English  ▼

X  

ACT4528 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT4528
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4528 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT4528_16 Datasheet HTML 4Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 5Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 6Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 7Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 8Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 9Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 10Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 11Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ACT4528
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright
©
2
0
1
5
-2017 Active-Semi, Inc.
Rev 2, 06-Jan-2016
APPLICATIONS INFORMATION
Current Sense Resistor
The traces leading to and from the sense resistor
can be significant error sources. With small value
sense resistors, trace resistance shared with the
load
can
cause
significant
errors.
It
is
recommended to connect the sense resistor pads
directly to the CSP and CSN pins using
“
K
e
l
v
i
n
”
o
r
“
4
-wire
”
c
o
n
n
e
c
t
i
o
n
t
e
c
h
n
i
q
u
e
s
a
s
s
h
o
w
n
b
e
l
o
w
.
Current Limit Setting
If output current hits
current limit, output voltage
drops to keep the current to a constant value.
The following equation calculates the constant
current limit.
Where Rcs is current sense resistor.
P
C
B
L
o
a
d
T
r
a
c
e
K
e
v
i
n
S
e
n
s
e
T
r
a
c
e
s
S
e
n
s
e
R
e
s
i
s
t
o
r
)
(
66
)
(
m
Rcs
mV
A
ILimit
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com