Electronic Components Datasheet Search
  English  ▼

X  

ACT4528 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4528
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4528 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4528_16 Datasheet HTML 1Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 2Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 3Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 4Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 5Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 6Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 7Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 8Page - Active-Semi, Inc ACT4528_16 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright
©
2
0
1
5
-2017 Active-Semi, Inc.
ACT4528
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
2.65A
5.1V
Vout
Iout
3.2V
9.1V
12.1V
FEATURES
40V Input Voltage Surge
4.5V-36V Operational Input Voltage
5.1V/9.1V/12.1V Output with +/-1% Accuracy
Up to 3.0A Output current
Constant Current Regulation Limit
QC2.0 Decoding + USB Auto-Detect
Support Apple 2.4A, Samsung and BC1.2
Hiccup Mode Protection at Output Short
>90% Efficiency at Full Load
0.5mA Low Standby Input Current
5.7V/10.1V/13.5V Output Over-voltage
Protection for 5.1V/9.1V/12.1V Outputs
Cord Voltage Compensation
Meet EN55022 Class B Radiated EMI Standard
8kV ESD HBM Protection on DP and DM
SOP-8EP Package
APPLICATIONS
Car Charger
Cigarette Lighter Adaptor (CLA)
Rechargeable Portable Device
CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4528 is a wide input voltage, high efficiency
step-down DC/DC converter that operates in either
CV
(Constant
Output
Voltage)
mode
or
CC
(Constant Output Current) mode. ACT4528 has
QC2.0 decoding built in to provide 5.1V/9.1V/12.1V
outputs as requested by attached portable devices.
It also supports Apple 2.4A, Samsung and BC1.2
devices to charge at full current rate.
ACT4528 has accurate output current limits under
constant
current
regulation
to
meet
MFi
specification. It can provide up to 3.0A output
current at 125kHz switching frequency. ACT4528
utilizes adaptive drive technique to achieve good
EMI performance while main >90% efficiency at full
load for mini size CLA designs. ACT4528 also has
output short circuit protection with hiccup mode.
The average output current is reduced to below
6mA when output is shorted to ground. Other
features include output over voltage protection and
thermal shutdown.
ACT4528 is available in a SOP-8EP package and
require very few external components for operation.
Typical Application Circuit
V/I Profile
ACT4528
H
S
B
I
N
S
W
4.5V to 40V
D
M
R
c
s
2
5
m
Ù
C
S
P
D
P
V
o
u
t
G
N
D
D
-
D
+
G
N
D
C
S
N
5V/9V/12V
C
2
1
0
ì
F
C
3
2
2
n
F
C
5
2
2
0
ì
F
C
1
4
7
ì
F
C
4
2
2
ì
F
C
6
2
.
2
ì
F
D
1
S
K
5
4
L
L
1
4
7
ì
H


Similar Part No. - ACT4528_16

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4528YH-T ACTIVE-SEMI-ACT4528YH-T Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
More results

Similar Description - ACT4528_16

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4526 ACTIVE-SEMI-ACT4526 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 1.2, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4526YH ACTIVE-SEMI-EA4526YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com