Electronic Components Datasheet Search
  English  ▼

X  

HMC832 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC832
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832 Datasheet(HTML) 4 Page - Analog Devices

  HMC832 Datasheet HTML 1Page - Analog Devices HMC832 Datasheet HTML 2Page - Analog Devices HMC832 Datasheet HTML 3Page - Analog Devices HMC832 Datasheet HTML 4Page - Analog Devices HMC832 Datasheet HTML 5Page - Analog Devices HMC832 Datasheet HTML 6Page - Analog Devices HMC832 Datasheet HTML 7Page - Analog Devices HMC832 Datasheet HTML 8Page - Analog Devices HMC832 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Data Sheet
HMC832
SPECIFICATIONS
VPPCP, VDDLS, VCC1, VCC2 = 3.3 V; RVDD, AVDD, DVDD, VCCPD, VCCHF, VCCPS = 3.3 V minimum and maximum specified
across the temperature range of −40°C to +85°C.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF OUTPUT CHARACTERISTICS
Output Frequency
25
3000
MHz
VCO Frequency at PLL Input
1500
3000
MHz
RF Output Frequency at fVCO
1500
3000
MHz
OUTPUT POWER
RF Output Power at Fundmental
Frequency
2000 MHz across all frequencies (see Figure 25)
Maximum gain setting: VCO_REG 0x07[3:0] = 11d
single-ended
7
dBm
Gain Setting 6: VCO_REG 0x07[3:0] = 6d differential
2
dBm
Output Power Control Range
1 dB steps
12
dB
HARMONICS FOR FUNDAMENTAL
MODE
fo Mode at 2 GHz
2nd/3rd/4th
−20/−29/−45
dBc
fo/2 Mode at 2 GHz/2 = 1 GHz
2nd/3rd/4th
−26/−10/−34
dBc
fo/30 Mode at 3 GHz/30 = 100 MHz
2nd/3rd/4th
−33/−10/−40
dBc
fo/62 Mode at 1550 MHz/62 = 25 MHz
2nd/3rd/4th
−40/−6/−43
dBc
VCO OUTPUT DIVIDER
VCO RF Divider Range
1, 2, 4, 6, 8, … 62
1
62
PLL RF DIVIDER CHARACTERISTICS
19-Bit N-Divider Range (Integer)
Maximum = 219 − 1
16
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio varies (±4) dynamically
maximum
20
524,283
REFERENCE (XREFP PIN) INPUT
CHARACTERISTICS
Maximum
XREFP Input Frequency
350
MHz
XREFP Input Level
AC-coupled1
−6
+12
dBm
XREFP Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
PHASE DETECTOR (PD)2
PD Frequency Fractional Mode3
DC
100
MHz
PD Frequency Integer Mode
DC
100
MHz
CHARGE PUMP
Output Current
0.02
2.54
mA
Charge Pump Gain Step Size
20
µA
PD/Charge Pump SSB Phase Noise
50 MHz reference, input referred
1 kHz
−143
dBc/Hz
10 kHz
Add 2 dB for fractional mode
−150
dBc/Hz
100 kHz
Add 3 dB for fractional mode
−152
dBc/Hz
LOGIC INPUTS
VSW
40
50
60
% DVDD
LOGIC OUTPUTS
Output High Voltage (VOH )
DVDD
V
Output Low Voltage (VOL )
0
V
Output Impedance
100
200
Ω
Maximum Load Current
1.5
mA
POWER SUPPLY VOLTAGES
3.3 V Supplies
AVDD, VCCHF, VCCPS, VCCPD, RVDD, DVDD, VPPCP,
VDDLS, VCC1, VCC2
3.1
3.3
3.5
V
Rev. A | Page 3 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com