Electronic Components Datasheet Search
  English  ▼

X  

HMC832 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC832
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC832 Datasheet HTML 8Page - Analog Devices HMC832 Datasheet HTML 9Page - Analog Devices HMC832 Datasheet HTML 10Page - Analog Devices HMC832 Datasheet HTML 11Page - Analog Devices HMC832 Datasheet HTML 12Page - Analog Devices HMC832 Datasheet HTML 13Page - Analog Devices HMC832 Datasheet HTML 14Page - Analog Devices HMC832 Datasheet HTML 15Page - Analog Devices HMC832 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Data Sheet
HMC832
Figure 21. Single Sideband Integrated Phase Noise, High Performance Mode,
Loop Filter Type 2 (See Table 12)
Figure 22. Typical Single-Ended Output Power vs. Frequency (Mid Gain
Setting 6)
Figure 23. Typical RF Output Power at 2 GHz (Single-Ended) vs. Temperature
Figure 24. Figure of Merit
Figure 25. Typical Output Power vs. Frequency and Gain (Single-Ended)
Figure 26. RF Output Return Loss
–90
–85
–80
–75
–70
–65
–60
–55
–50
OUTPUT FREQUENCY (MHz)
0.0141
0.0447
0.1410
0.4460
100
1000
0.0045
+85°C
+27°C
–40°C
PHASE NOISE INTEGRATED FROM 10kHz TO 20MHz
–15
–10
–5
0
5
10
15
FREQUENCY (MHz)
100
25
3000
1000
PHASE NOISE INTEGRATED FROM 10kHz TO 20MHz
HIGH PERFORMANCE MODE
(VCO_REG0x03[1:0] = 3d)
LOW CURRENT MODE
(VCO_REG0x03[1:0] = 1d)
RETURN LOSS (VCO_REG0x03[5] = 0)
RETURN LOSS (VCO_REG0x03[5] = 1)
–6
–4
–2
0
2
4
6
8
10
0
2
4
6
8
10
GAIN SETTING
+85°C
+27°C
–40°C
–240
–230
–220
–210
–200
100
1k
10k
100k
1M
OFFSET (Hz)
FOM FLOOR
TYP FOM VS OFFSET
FOM 1/f NOISE
100
25
3000
1000
–20
–15
–10
–5
0
5
10
15
20
FREQUENCY (MHz)
GAIN SETTING = 11
(VCO_REG0x07[3:0] = 11d)
HIGH PERFORMANCE MODE
LOW CURRENT MODE
GAIN SETTING = 5
(VCO_REG0x07[3:0] = 5d)
GAIN SETTING = 0
(VCO_REG0x07[3:0] = 0d)
–30
–25
–20
–15
–10
–5
0
OUTPUT FREQUENCY (MHz)
100
25
8000
1000
RETURN LOSS 0 (VCO_REG0x03[5] = 0)
RETURN LOSS 1 (VCO_REG0x03[5] = 1)
Rev. A | Page 11 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com