Electronic Components Datasheet Search
  English  ▼

X  

HMC860LP3E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC860LP3E
Description  Test Instrumentation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC860LP3E Datasheet(HTML) 2 Page - Analog Devices

  HMC860LP3E Datasheet HTML 1Page - Analog Devices HMC860LP3E Datasheet HTML 2Page - Analog Devices HMC860LP3E Datasheet HTML 3Page - Analog Devices HMC860LP3E Datasheet HTML 4Page - Analog Devices HMC860LP3E Datasheet HTML 5Page - Analog Devices HMC860LP3E Datasheet HTML 6Page - Analog Devices HMC860LP3E Datasheet HTML 7Page - Analog Devices HMC860LP3E Datasheet HTML 8Page - Analog Devices HMC860LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9
9 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC860LP3E
v01.0811
QUAD LOW NOISE HIGH PSRR
LINEAR VOLTAGE REGULATOR
Electrical Specifications (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Reference Voltage VREF
Vdd = 5.5V; REF cannot source/sink
external current
1.21
V
Output Current VR1 [1]
TA = -40°C to +85°C
80
mA
Output Current VR2, VR3 [1]
TA = -40°C to +85°C
20
mA
Output Current VR4 [1]
TA = -40°C to +85°C
120
mA
Total Output Current
TA = -40°C to +85°C
240
mA
Output Noise Spectral Density
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
Vdd = 5.5V; VRx = 3.05V; VR4 = 4.5V
Measured on Application Schematic
Maximum Load Current
2200
157
7
3
3
nV/√Hz
Integrated Output Noise 100 Hz to 100 kHz
Vdd = 5.5V; VRx = 3.05V
1.5
µVrms
Load Regulation, VR1
Vdd = 5.5V
0.01
% / mA
Load Regulation, VR2 & VR3
Vdd = 5.5V
0.02
% / mA
Load Regulation, VR4
Vdd = 5.5V
0.02
% / mA
PSRR
0 Hz (DC Line Regulation)
1 kHz
100 kHz
1 MHz
10 MHz
50 MHz
Vdd = 5.5V; Maximum load current
36
80
65
60
35
45
dB
Output Voltage Variation vs. Package
Base Temperature
25°C to 85°C
-40°C to 25°C
Vdd = 5.5V; Maximum load current
0.015
0.045
% / °C
% / °C
Current Consumption (IGND)
Ven = Vdd = 5.5V;
Maximum Load Current
1.9
2.3
mA
Power Down Current
Vdd = 5.5V; EN = Low; VRx outputs
are floating (high - impedance) in
Power-Down mode
1
µA
Start-Up Transient Time
0 to 90% of final voltage;
Cref=1 µF; Cload=10 µF; Vdd = 5.5V
25
ms
EN Turn-On Delay
0 to 90% of final output voltage Cref =
1 µF; Cload = 10 µF; Vdd = 5.5V
EN transition from 0 to Vdd
25
ms
Enable Input EN High Level
2
Vdd + 0.3
V
Enable Input EN Low Level
0
0.8
V
Output Load Capacitance
To guarantee stability, noise and PSRR
performance
10
µF
Output Capacitor ESR
Required if no series resistor is used at
the output. See “Stability” section.
0.2
2
Ohm
Output series resistance
Required if ESR is insufficient for
one or more output capacitors. See
“Stability” section.
0.1
1
Ohm
[1] The regulator does not include short-circuit or over-temperature protection circuitry. The outputs will withstand short-circuit conditions for a
duration of less than 10s.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com