Electronic Components Datasheet Search
  English  ▼

X  

HMC860LP3E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC860LP3E
Description  Test Instrumentation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC860LP3E Datasheet(HTML) 3 Page - Analog Devices

  HMC860LP3E Datasheet HTML 1Page - Analog Devices HMC860LP3E Datasheet HTML 2Page - Analog Devices HMC860LP3E Datasheet HTML 3Page - Analog Devices HMC860LP3E Datasheet HTML 4Page - Analog Devices HMC860LP3E Datasheet HTML 5Page - Analog Devices HMC860LP3E Datasheet HTML 6Page - Analog Devices HMC860LP3E Datasheet HTML 7Page - Analog Devices HMC860LP3E Datasheet HTML 8Page - Analog Devices HMC860LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9
9 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC860LP3E
v01.0811
QUAD LOW NOISE HIGH PSRR
LINEAR VOLTAGE REGULATOR
VR1 Noise Spectral Density, Vdd = 5.5V
VR4 Noise Spectral Density, Vdd = 5.5V
VR2, VR3 Power Supply Rejection
Ratio (PSRR), Vdd = 5.5V
VR2, VR3 Noise Spectral Density,
Vdd = 5.5V
VR1, VR4 Power Supply Rejection
Ratio (PSRR), Vdd = 5.5V
VR1 Voltage vs. Supply, I(VR1) = 75 mA
10
-10
10
-9
10
-8
10
-7
10
-6
10
2
10
3
10
4
10
5
10
6
10
7
VR1
INSTRUMENT NOISE FLOOR
FREQUENCY (Hz)
VR1=3.0V
I(VR1)=75mA
C=10μF
Rs1=0.1Ohm
10
-10
10
-9
10
-8
10
-7
10
-6
10
2
10
3
10
4
10
5
10
6
10
7
VR4
INSTRUMENT NOISE FLOOR
FREQUENCY (Hz)
VR4=4.5V
I(VR4)=100mA
C=10μF
Rs4=0.1Ohm
-100
-90
-80
-70
-60
-50
-40
-30
10
2
10
3
10
4
10
5
10
6
10
7
10
8
VR2
VR3
FREQUENCY (Hz)
VR2: 3.0V/15mA
VR3: 3.0V/15mA
C
LOAD
=10.11μF
10
-10
10
-9
10
-8
10
-7
10
-6
10
2
10
3
10
4
10
5
10
6
10
7
VR2, VR3
INSTRUMENT NOISE FLOOR
FREQUENCY (Hz)
VR2=VR3=3.0V
I(VR2 or VR3)=15mA
C=10μF
-90
-80
-70
-60
-50
-40
-30
10
2
10
3
10
4
10
5
10
6
10
7
10
8
VR1
VR4
FREQUENCY (Hz)
VR1: 3.0V/75mA
VR4: 4.5V/100mA
Rs1=0.1Ohm; C
LOAD
=10.11μF
Rs4=0.1Ohm; C
LOAD
=10.11μF
3.00
3.02
3.04
3.06
3.08
3.10
4.8
5
5.2
5.4
5.6
5.8
6
+25 C
+90 C
-40 C
SUPPLY VOLTAGE (V)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com