Electronic Components Datasheet Search
  English  ▼

X  

TMS37122 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS37122
Description  TIRIS Automotive Devices Analog Front End IC TMS37122
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37122 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS37122 Datasheet HTML 35Page - Texas Instruments TMS37122 Datasheet HTML 36Page - Texas Instruments TMS37122 Datasheet HTML 37Page - Texas Instruments TMS37122 Datasheet HTML 38Page - Texas Instruments TMS37122 Datasheet HTML 39Page - Texas Instruments TMS37122 Datasheet HTML 40Page - Texas Instruments TMS37122 Datasheet HTML 41Page - Texas Instruments TMS37122 Datasheet HTML 42Page - Texas Instruments TMS37122 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
39
August ’01
Chapter 2. Electrical Description
2.10.3.4 Wake Pattern Detection Flag 'NO_WAKE'
If the NO_WAKE flag is set no Wake Pattern check is performed and the Control Unit
switches directly to Transparent Mode if VWAKE-A threshold is exceeded.
2.10.3.5 Write Distance Expander 2 Flag 'NO_WDE2'
If the NO_WDE2 flag is set the Wake Detector of RF2 input is completely disabled. The RF2
input should be connected to VCL externally in this case. Standby current consumption is re-
duced due to this.
2.10.3.6 Write Distance Expander 3 Flag 'NO_WDE3'
If the NO_WDE3 flag is set the Wake Detector of RF3 input is completely disabled. In this
case the RF3 input should be connected to VCL externally. Standby current consumption is
reduced due to this.
2.10.3.7 CLKA Output Disable Flag ‘NO_CLKA’
If the NO_CLKA flag is set, the CLKA/M output does not provide a clock when WAKE is
activated. This prevents back coupling of interference to the sensitive RF inputs due to not
optimized PCB layout.
The option can be used at identification devices, which do not require the CLKA. This is the
case, if the microcomputer is able to measure period duration or if the data (EOBA) includes
Table 5: Counter Definition for Pulse Position Demodulation
Pulse Position Modulation
PPM Threshold
DEC
Chdet
Thdet Nom.[µs]
MSB
LSB
0-
-
0
0
0
0
1
8
59
0001
2
16
119
0010
3
24
179
0011
4
32
238
0100
5
40
298
0101
6
48
358
0110
7
56
417
0111
8
64
477
1000
9
72
537
1001
10
80
596
1
0
1
0
11
88
656
1
0
1
1
12
96
715
1
1
0
0
13
104
775
1
1
0
1
14
112
112
1
1
1
0
15
120
894
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com