Electronic Components Datasheet Search
  English  ▼

X  

TMS37122 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS37122
Description  TIRIS Automotive Devices Analog Front End IC TMS37122
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS37122 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS37122 Datasheet HTML 30Page - Texas Instruments TMS37122 Datasheet HTML 31Page - Texas Instruments TMS37122 Datasheet HTML 32Page - Texas Instruments TMS37122 Datasheet HTML 33Page - Texas Instruments TMS37122 Datasheet HTML 34Page - Texas Instruments TMS37122 Datasheet HTML 35Page - Texas Instruments TMS37122 Datasheet HTML 36Page - Texas Instruments TMS37122 Datasheet HTML 37Page - Texas Instruments TMS37122 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
34
Analog Front End IC TMS37122 - Reference Guide
August ’01
Figure 20: Default Memory Content
The default PPM Threshold is configured for a medium data rate of 2kBit/s, realized for ex-
ample with a low bit period of tbitL=400 and a high bit period of tbitH=600µs (see Figure
12). It is assumed that toff is as short as possible (toff<=100µs), but still achieving 50% mod-
ulation (m=33%) under all conditions. Under this assumptions CLKA is available continu-
ously or interrupted only shortly during toff. If this cannot be achieved due to lower quality
factors and thereore stronger damping, or if higher data rates are demanded, PPM Threshold
must be adapted.
0
1
2
3
NIBBLE
ROW
1
2
Bit 0
Bit 3
Bit 3
Bit 0
VWAKE B/ 1
VWAKE A/ 1
Bit 3
Bit 0
VWAKE B/ 2/3
PPM THRESHOLD
Bit 0
Bit 3
Bit 0
4
0
NO
WAKE
PASSIVE ENTRY WAKE PATTERN
C_TELEGR
PASSIVE START WAKE PATTERN
C_WAIT
Bit 15
Bit 0
Bit 3
Bit 3
Bit 0
1
1
1
1
11
1
1
1
11
1
11
1
0
0
0
0
000
0000
0000
0000
0
000
0000
0000
0000
0
0
0
0
0
0
0
0
0
NO
WDE2
NO
WDE3
NO
CLKA
1
3DMEMD4.DRW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com