Electronic Components Datasheet Search
  English  ▼

X  

AD5686 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5686
Description  Full-featured evaluation board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 5 Page - Analog Devices

  AD5686 Datasheet HTML 1Page - Analog Devices AD5686 Datasheet HTML 2Page - Analog Devices AD5686 Datasheet HTML 3Page - Analog Devices AD5686 Datasheet HTML 4Page - Analog Devices AD5686 Datasheet HTML 5Page - Analog Devices AD5686 Datasheet HTML 6Page - Analog Devices AD5686 Datasheet HTML 7Page - Analog Devices AD5686 Datasheet HTML 8Page - Analog Devices AD5686 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Evaluation Board User Guide
UG-459
Rev. 0 | Page 5 of 12
Figure 4. AD568x(R) Evaluation Board Software Main Window
SOFTWARE OPERATION
The software for the AD568x(R) allows the user to program
values to the input and DAC registers of each DAC individually
or collectively.
Write to Input Register
Select Write to Input Register to load the value in the input
data control to the input register of any DACs selected in the
Select DACs to Use box.
Write to DAC Register
Select Write to DAC Register to load the value in the input data
control to the DAC register of any DACs selected in the Select
DACs to Use box. The DAC outputs are automatically updated
with the appropriated voltage.
Update DAC Register from Input Register
Select Update DAC Register from Input Register to copy the
value in a DAC input register to the corresponding DAC register.
DAC outputs are automatically updated with the appropriated
voltage.
LDAC CONTROL
Select Pulse LDAC to bring the LDAC pin low and then back
high. Do this copies the data from the input registers to the DAC
registers, and the outputs update accordingly. Any DAC updates
disabled by the LDAC mask settings are ignored.
The LDAC pin can also be set high or low by clicking the
appropriate radio button.
GAIN Control
The logic level of the GAIN pin is set externally by LK4 or LK5.
To display the correct voltage, the gain selection must be set to
match the level of the pin.
Reference Control
The AD5686R and AD5684R have an on-chip reference that
can be disabled to reduce power consumption. The AD5686R
and AD5684R software has a control that allows this function to
be used.
The AD5686 and AD5684 require an external reference. The
software for the AD5686 and AD5684 has a control that allows
the user to set the reference voltage.
Power-Down Control
Each of the DACs can be powered down individually. Each of the
DACs has an associated selection box allowing the part to operate
in normal mode, powered down with either a 1 kΩ or a 100 kΩ
resistor to ground or tristate. When the power-down setting for
each DAC are selected, click Write to Part to write the appropriate
values to the AD568x(R).
LDAC Mask Register
Each of the DACs can be set to accept or ignore LDAC pulses.
When the LDAC selections are completed, click Write to Part
to write the appropriate values to the AD568x(R).
SPI COMMAND
On both control tabs of the software, the SPI commands sent to the
DAC display. This shows what must be written to the AD568x(R)
to replicate the function of the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com