Electronic Components Datasheet Search
  English  ▼

X  

AD5686 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5686
Description  Full-featured evaluation board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5686 Datasheet HTML 4Page - Analog Devices AD5686 Datasheet HTML 5Page - Analog Devices AD5686 Datasheet HTML 6Page - Analog Devices AD5686 Datasheet HTML 7Page - Analog Devices AD5686 Datasheet HTML 8Page - Analog Devices AD5686 Datasheet HTML 9Page - Analog Devices AD5686 Datasheet HTML 10Page - Analog Devices AD5686 Datasheet HTML 11Page - Analog Devices AD5686 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UG-459
Evaluation Board User Guide
Rev. 0 | Page 10 of 12
ORDERING INFORMATION
COMPONENTS LIST
Table 4.
Qty
Reference Designator
Description
Supplier/Part Number
1
U7
Quad, 16-bit/12-bit nanoDAC+ with SPI interface
Analog Devices AD5686/AD5684
1
U5
Quad, 16-bit/12-bit nanoDAC+ with 2 ppm/°C
on-chip reference and SPI interface
Analog Devices AD5686R/AD5684R
1
U1
High accuracy, ultralow quiescent current LDO, SOT-23
Analog Devices ADP3331
1
U3
5 V fixed, adjustable low dropout linear voltage
regulator
Analog Devices ADP3367
1
U6
Ultralow noise XFET 2.5 V voltage reference with
current sink and source capability
Analog Devices ADR431
1
U4
Ultralow noise XFET 5.0 V voltage reference with
current sink and source capability
Analog Devices ADR435
8
VOUTA,VOUTA1, VOUTB, VOUTB2,
VOUTC, VOUTC1, VOUTD, VOUTD1
50 Ω SMB jack
FEC 1206013
1
L1
Ferrite bead, 600 Ω at 100 MHz
Digi-Key 490-1024-1-ND
1
R1
0603, 300 kΩ resistor
Digi-Key 541-300KHCT-ND
1
R2
Resistor, 1 MΩ, 1%, 0.063W, 0603
Digi-Key RMCF1/161MFRCT-ND
1
J4
120-pin female connector
FEC 1324660 or Digi-Key H1219-ND
1
U2
32K, I2C serial EEPROM (24LC32)
FEC 1331330
1
C14
Capacitor, 0603, 1 µF, 10 V
FEC 318-8840
1
R3
Resistor, 1.5 Ω, 5%, 0.063W, 0603
FEC 9331832
2
R8, R9
10 kΩ SMD resistor
FEC 9330399
2
R17, R18
100 kΩ SMD resistor
FEC 9330402
2
R4, R11
0 Ω resistor, 0805
FEC 9333681
3
J5, LK3, LK6
Terminal block, 8-pin (4 × 2) 0.1" header
FEC 1022244
3
J1, J2, J3
2-pin terminal block
FEC 151789
4
LK1, LK2, LK4, LK5
Jumper block using 3-pin SIP header
FEC 1022248 and FEC 150410
8
C1, C3, C5, C7, C8, C9, C16, C20
Case A, 10 µF capacitor
FEC 197-130
9
TP1, TP2, TP3, TP4, TP5, TP6, TP7, TP8, TP9
Red test point
FEC 8731144 (pack)
10
C2, C4, C6, C10, C11, C12, C15, C21, C22, C23
Capacitor, 0.1 µF, 50 V, 0603
FEC 8820023
17
C13, C17, C18, C19, C24, C25, C26, C27,
R5, R6, R7, R10, R12, R13, R14, R15, R16
Do not populate (DNP)
Not Inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com