Electronic Components Datasheet Search
  English  ▼

X  

UG-490 Datasheet(PDF) 4 Page - Analog Devices

Part # UG-490
Description  Full-featured evaluation board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-490 Datasheet(HTML) 4 Page - Analog Devices

  UG-490 Datasheet HTML 1Page - Analog Devices UG-490 Datasheet HTML 2Page - Analog Devices UG-490 Datasheet HTML 3Page - Analog Devices UG-490 Datasheet HTML 4Page - Analog Devices UG-490 Datasheet HTML 5Page - Analog Devices UG-490 Datasheet HTML 6Page - Analog Devices UG-490 Datasheet HTML 7Page - Analog Devices UG-490 Datasheet HTML 8Page - Analog Devices UG-490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
EVAL-AD7960FMCZ
Evaluation Board User Guide
Rev. 0 | Page 4 of 28
EVALUATION BOARD HARDWARE
DEVICE DESCRIPTION
The AD7960 is a 5 MSPS, high precision, power efficient, 18-bit
PulSAR ADC that uses SAR-based architecture and does not
exhibit any pipeline delay or latency. The AD7960 is specified
for use with 5 V and 1.8 V supplies (VDD1, VDD2). The inter-
face from the digital host to the AD7960 uses 1.8 V logic only.
The AD7960 uses an LVDS interface to transfer data conver-
sions. Complete AD7960 specifications are provided in the
product data sheet and should be consulted in conjunction with
this user guide when using the evaluation board. Full details
on the EVAL-SDP-CH1Z are available on the Analog Devices
website.
HARDWARE LINK OPTIONS
The function of the link options are described in Table 1. When
the user first receives the board, the default link setting on the
board are as shown in Table 1 (analog input/reference/power
supplies, and so on).
POWER SUPPLIES
The power (+12 V) for the EVAL-AD7960FMCZ board comes
through a 160-pin FMC connector, J7, from the EVAL-SDP-
CH1Z. The customer also has the option of using external
bench top supplies to power the on-board amplifiers. On-board
regulators generate required levels from the applied +12 V rail.
The ADP7102 (U18) supplies +7 V for the +VS of the ADC
driver amplifiers (ADA4899-1 or ADA4897-1), external refer-
ence ADR4550 (U5), and ADR4540 (U8), while the ADP7104
(U10) delivers +5 V for VDD1 (U1), ADP2300 (U2), and
ADP124 (U3 and U12). The ADP2300 (U2), in turn, generates
−2.5 V for the amplifier’s –VS and the ADP124 (U3 and U12),
in turn, provides a 1.8 V for VDD2 and VIO (U1).
The +3.3 V supply for the EEPROM (U7) comes from the
EVAL-SDP-CH1Z through a 160-pin FMC connector, J7. Each
supply is decoupled where it enters the board and again at each
device. A single ground plane is used on this board to minimize
the effect of high frequency noise interference.
Table 1. Pin Jumper Descriptions
Link
Default
Purpose
JP1, JP2
B to center
Connects analog inputs VIN+ and VIN− to the inputs of the ADC driver ADA4899-1 or ADA4897-1. A to center
sets the fully differential path through ADA4932-1.
JP3, JP4
B to center
Connect outputs from ADA4899-1 to inputs of AD7960. A to center set the fully differential path through ADA4932-1.
JP5
A to center
Connect the VCM output from AD7960 to AD8031.
JP7
A to center
Connects REFIN to 2.048 V external reference. B to center connects REFIN to GND.
JP8
B to center
Connects +7 V to amplifier +VS.
JP9
B to center
Connects −2.5 V to amplifier −VS.
LK2, LK3
Inserted
Option to use external amplifier supplies + VS and – VS.
LK4
A
Connects to +7 V coming from ADP7102.
LK5
B
Connects to −2.5 V coming from ADP2300.
LK6
B
Connects the output of VCM buffer to VCM of amplifier.
LK7
B
Connects the +5 V output from ADR4550 to REF buffer AD8031.
Table 2. On-Board Connectors
Connector
Function
J1, J2, J4, J5
SMA Analog Input. Connects the low noise analog signal source to the inputs of the ADC driver ADA4899-1, ADA4897-1, or
ADA4932-1.
J3
3-Pin Terminal. This option is for using external bench top supplies. Apply external +Vs, −Vs, and GND to power amplifiers on
the EVAL-AD7960FMCZ board.
J6
6-Pin (2 × 3) Socket. This option is for interfacing with an external ADC driver board.
J7
160-Pin FMC 10 mm Male VITA 57 Connector. This connector mates with the EVAL-SDP-CH1Z board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com