Electronic Components Datasheet Search
  English  ▼

X  

UG-490 Datasheet(PDF) 9 Page - Analog Devices

Part # UG-490
Description  Full-featured evaluation board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-490 Datasheet(HTML) 9 Page - Analog Devices

Back Button UG-490 Datasheet HTML 5Page - Analog Devices UG-490 Datasheet HTML 6Page - Analog Devices UG-490 Datasheet HTML 7Page - Analog Devices UG-490 Datasheet HTML 8Page - Analog Devices UG-490 Datasheet HTML 9Page - Analog Devices UG-490 Datasheet HTML 10Page - Analog Devices UG-490 Datasheet HTML 11Page - Analog Devices UG-490 Datasheet HTML 12Page - Analog Devices UG-490 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Evaluation Board User Guide
EVAL-AD7960FMCZ
Rev. 0 | Page 9 of 28
Figure 14. EVAL-SDP-CH1Z Drivers Setup Window 5
Figure 15. EVAL-SDP-CH1Z Drivers Setup Window 6
After installation is complete, connect the EVAL-
AD7960FMCZ to the EVAL-SDP-CH1Z as described in the
Evaluation Board Hardware section.
When you first plug in the EVAL-SDP-CH1Z board via the USB
cable provided, allow the new Found Hardware Wizard to run.
Once the drivers are installed, you can check that the board has
connected correctly by looking at the Device Manager of the PC.
The Device Manager can be accessed via My Computer>
Manage>Device Manager from the list of System Tools. The
EVAL-SDP-CH1Z board should appear under ADI
Development Tools.
This completes the installation.
Figure 16. Device Manager
LAUNCHING THE SOFTWARE
Once the EVAL-AD7960FMCZ and EVAL-SDP-CH1Z are
correctly connected to your PC, the AD7960 software can be
launched.
1. From the Start menu, select Programs>Analog Devices>
AD7960_61 Evaluation Software. The main window of
the software then displays (see Figure 19).
If the evaluation system is not connected to the USB port
via the EVAL-SDP-CH1Z when the software is launched, a
connectivity error displays (see Figure 17).
2. Connect the evaluation board to the USB port of the PC.
3. Wait for a few seconds and then click Rescan (see
Figure 18.
Figure 17. Connectivity Error Alert 1
Figure 18. Connectivity Error Alert 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com