Electronic Components Datasheet Search
  English  ▼

X  

LM79 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM79 Datasheet HTML 6Page - National Semiconductor (TI) LM79 Datasheet HTML 7Page - National Semiconductor (TI) LM79 Datasheet HTML 8Page - National Semiconductor (TI) LM79 Datasheet HTML 9Page - National Semiconductor (TI) LM79 Datasheet HTML 10Page - National Semiconductor (TI) LM79 Datasheet HTML 11Page - National Semiconductor (TI) LM79 Datasheet HTML 12Page - National Semiconductor (TI) LM79 Datasheet HTML 13Page - National Semiconductor (TI) LM79 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AC Electrical Characteristics (Note 13) The following specifications apply for +4.25 V
DC ≤ VCC ≤
+5.75 VDC unless otherwise specified. Boldface limits apply for TA =TJ =TMIN to TMAX; all other limits TA =TJ =
25˚C. (Continued)
Note 8: Typicals are at TJ=TA=25˚C and represent most likely parametric norm.
Note 9: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC and any error introduced by the amplifiers as shown in the circuit of
Figure 13 .
Note 11: Total Monitoring Cycle Time includes temperature conversion, 7 analog input voltage conversions and 3 tachometer readings. Each temperature and input
voltage conversion takes 100 ms typical and 112 ms maximum. Fan tachometer readings take 20 ms typical, at 4400 rpm, and 200 ms max.
Note 12: The total fan count is based on 2 pulses per revolution of the fan tachometer output.
Note 13: Timing specifications are tested at the TTL logic levels, VIL=0.4V for a falling edge and VIH=2.4V for a rising edge. TRI-STATE output voltage is forced
to 1.4V.
DS100036-7
An x indicates that the diode exists.
Pin Name
D1
D2
D3
IORD
x
IOWR
x
SYSCLK
x
D0–D7
xxx
SMI__IN
x
Chassis Intrusion
x
x
Power Switch
Bypass
xx
Pin Name
D1
D2
D3
FAN1–FAN3
x
SCL
x
SDA
x
x
RESET
xx
VID4/NTEST
x
x
x
Pin Name
D1
D2
D3
−IN6
x
x
FB6
x
x
x
FB5
x
x
x
−IN5
x
x
IN4–IN0
x
x
x
VID3–VID0
x
x
x
Pin Name
D1
D2
D3
BTI
xx
NMI/IRQ
xxx
SMI
xx
A0–A2
x
CS
x
FIGURE 4. ESD Protection Input Structure
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com