Electronic Components Datasheet Search
  English  ▼

X  

T3000 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # T3000
Description  Accurate carbon dioxide transmitter for HVAC control applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3000 Datasheet(HTML) 4 Page - Amphenol Corporation

  T3000 Datasheet HTML 1Page - Amphenol Corporation T3000 Datasheet HTML 2Page - Amphenol Corporation T3000 Datasheet HTML 3Page - Amphenol Corporation T3000 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Please discuss your specific needs with the Telaire account management team, as many configurations are
possible. Some combinations are already in production.
Derivatives include lesser ingress protection, higher fire and smoke ratings, different outputs, and different
calibration levels.
Output Options:
Digital
Analogue
Modbus
0-5V
UART
0-10V
4-20mA
Measuring Technology Options:
Single Wavelength with ABT Logic for HVAC Applications
Dual Wavelength for 24/7 Applications
Materials:
Materials to Railway Specifications, or room environment specification, with or without potting.
Available Calibrations:
0-2K
0-5K
0-50K
0-200K
0-3K
0-10K
0-100K
ppm by volume
Power Supply Options:
15 Vdc supply
24V nominal supply
AAS-920-600A - 08/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
www.telaire.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com