Electronic Components Datasheet Search
  English  ▼

X  

T3000 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # T3000
Description  Accurate carbon dioxide transmitter for HVAC control applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3000 Datasheet(HTML) 1 Page - Amphenol Corporation

  T3000 Datasheet HTML 1Page - Amphenol Corporation T3000 Datasheet HTML 2Page - Amphenol Corporation T3000 Datasheet HTML 3Page - Amphenol Corporation T3000 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T3000 Series
Telaire Range of CO2
Sensors for Harsh
Environments
The T3000 series is a range of sensors
designed to meet the specific needs of
customers who require measuring Carbon
Dioxide in harsh or difficult environments.
Based on a series of modules the casing offers
a number of combinations to meet the needs
of range, supply voltage, and output type in a
range of applications. Example applications
include incubators, buses, refrigerators,
subway stations, and railway carriages.
Features
• Accurate carbon dioxide transmitter for HVAC
control applications
• Easy mount with 2 external tabs.
• Rated up to IP67 (build dependent)
• Available with potting
• Different calibrations available up to 20% CO2
concentration
• Analogue or digital output options
• Non-Dispersive Infra-Red measuring
technology
• Sensors are shipped factory calibrated
• Accuracy for 10 year life
• Extended operating temperature range
Amphenol
Advanced Sensors
®


Similar Part No. - T3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T300 ETC1-T300 Datasheet
130Kb / 1P
DIL 14 PIN SINGLE OUTPUT
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
Class T 300V open fuse blocks
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
T3001 PULSE-T3001 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
T3001 PULSE-T3001 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - T3000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
Precision humidity and temperature transmitter for HVAC control applications
logo
Figaro Engineering Inc.
TGS4161 FIGARO-TGS4161 Datasheet
235Kb / 2P
for the detection of Carbon Dioxide
logo
Greystone Energy System...
PS-CHTD GREYSTONE-PS-CHTD Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
CD2DT GREYSTONE-CD2DT Datasheet
271Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CD2OS GREYSTONE-CD2OS Datasheet
306Kb / 2P
OUTSIDE CARBON DIOXIDE TRANSMITTER
CDDT GREYSTONE-CDDT Datasheet
314Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CEDT GREYSTONE-CEDT Datasheet
421Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CERMC GREYSTONE-CERMC Datasheet
171Kb / 2P
ROOM CARBON DIOXIDE TRANSMITTER
CHTDT GREYSTONE-CHTDT Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com