Electronic Components Datasheet Search
  English  ▼

X  

UPC1678 Datasheet(PDF) 4 Page - NEC

Part # UPC1678
Description  2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1678 Datasheet(HTML) 4 Page - NEC

  UPC1678 Datasheet HTML 1Page - NEC UPC1678 Datasheet HTML 2Page - NEC UPC1678 Datasheet HTML 3Page - NEC UPC1678 Datasheet HTML 4Page - NEC UPC1678 Datasheet HTML 5Page - NEC UPC1678 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Precautions:
1) These devices are ESD sensitive. Use proper
precautionary measures when handling and installing
these devices.
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC1678G, UPC1678GV
UPC1678G, GV
TEST CIRCUIT
UPC1678G, GV
OUTPUT POWER vs. FREQUENCY
Frequency, f (MHz)
+30
+20
+10
0
VCC = 5 V
PIN = 0 dBm
P1dB
PSAT
100
200
500
1000
2000
-5
0
+5
+10
+15
-60
-50
-40
-30
-20
-10
0
f1 = 500 MHz, f2 = 502 MHz
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
UPC1678G, GV
OUTPUT POWER vs. INPUT POWER
AND TEMPERATURE
UPC1678G, GV
THIRD ORDER INTERMODULATION
DISTORTION vs. OUTPUT POWER
PER CARRIER
30
25
20
15
10
5
-45˚C
85˚C
TA = 25˚C
VCC = 5.0 V
10
30
100
300
1000
3000
UPC1678G, GV
INSERTION POWER GAIN vs.
FREQUENCY AND TEMPERATURE
25
20
15
10
5
0
-20
-10
0
10
-45˚C
85˚C
TA = 85˚C
25˚C
-45˚C
25˚C
VCC = 5.0 V
f = 0.5 GHz
SSB Output Power, POUT (dBm)
Input Power (dBm)
Frequency, f (MHz)
85
°
25
°
VCC
50
Ω
50
Ω
1800 pF
1800 pF
1800 pF
OUT
IN
2, 3, 4
6, 7
1
8
5
300 nH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com