Electronic Components Datasheet Search
  English  ▼

X  

UPC1678 Datasheet(PDF) 1 Page - NEC

Part # UPC1678
Description  2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1678 Datasheet(HTML) 1 Page - NEC

  UPC1678 Datasheet HTML 1Page - NEC UPC1678 Datasheet HTML 2Page - NEC UPC1678 Datasheet HTML 3Page - NEC UPC1678 Datasheet HTML 4Page - NEC UPC1678 Datasheet HTML 5Page - NEC UPC1678 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PART NUMBER
UPC1678G, GV
PACKAGE OUTLINE
G08, S08
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP MAX
ICC
Circuit Current at No Input Signal
mA
40
49
60
GS
Small Signal Gain
dB
21
23
25
f3dB
Upper Limit Operating Frequency at
3 dB down below the Gain at 100 MHz
MHz
1700 2000
PSAT
Saturated Output Power
dBm
15.5
17.5
NF
Noise Figure
dB
6
RLIN
Input Return Loss
dB
11
14
RLOUT
Output Return Loss
dB
1
4
ISOL
Isolation
dB
30
35
UPC1678G
UPC1678GV
2 GHz MEDIUM POWER
BROADBAND SILICON MMIC AMPLIFIER
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = +5 V, f = 500 MHz)
FEATURES
• HIGH OUTPUT POWER: +18 dBm PSAT
• EXCELLENT FREQUENCY RESPONSE:
2.0 GHz TYP at 3 dB Down
• HIGH POWER GAIN: 23 dB TYP at 500 MHz
• SINGLE SUPPLY VOLTAGE: 5 V
• AVAILABLE IN TAPE AND REEL
DESCRIPTION
The UPC1678 is a silicon monolithic integrated circuit de-
signed as a wide-band amplifier covering the HF to UHF
bands. The device features high output power, 18 dBm TYP,
high gain, 23 dB TYP and operates from a single 5 volt supply.
The UPC1678 is available in two package styles: 8 pin SOP
and SSOP packages.
NEC's stringent quality assurance and test procedures ensure
the highest reliability and performance.
NOISE FIGURE AND GAIN
vs. FREQUENCY AND VOLTAGE
GP
NF
40
30
20
10
0
30
10
100
300
1000
3000
-10
12
10
8
6
4
4.5 V
5.0 V
5.5 V
5.0 V
4.5 V
VCC = 5.5 V
Frequency, f (MHz)
California Eastern Laboratories


Similar Part No. - UPC1678

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1678 NEC-UPC1678 Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC1678G NEC-UPC1678G Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC1678G-E1 NEC-UPC1678G-E1 Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC1678G-E2 NEC-UPC1678G-E2 Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
UPC1678GV NEC-UPC1678GV Datasheet
94Kb / 16P
5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
More results

Similar Description - UPC1678

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
2-20GHZ BROADBAND MMIC AMPLIFIER
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
2-20 GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
MMIC Silicon Bipolar Broadband Amplifier
August 20, 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com