Electronic Components Datasheet Search
  English  ▼

X  

UPC3221GV Datasheet(PDF) 2 Page - NEC

Part # UPC3221GV
Description  NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3221GV Datasheet(HTML) 2 Page - NEC

  UPC3221GV Datasheet HTML 1Page - NEC UPC3221GV Datasheet HTML 2Page - NEC UPC3221GV Datasheet HTML 3Page - NEC UPC3221GV Datasheet HTML 4Page - NEC UPC3221GV Datasheet HTML 5Page - NEC UPC3221GV Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UPC3221GV
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Voltage Current
V
6.0
VAGC (H)
AGC Voltage
V
0 to VCC
PD
Power Dissipation2
mW
250
TA
Operating Ambient Temp.1
°C
-40 to +85
TSTG
Operating Ambient Temp.1
°C
-55 to +150
SYMBOL
PARAMETER
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
4.5
5.0
5.5
TA
Operating Ambient
Temp.1
°C
-40
+25
+85
VAGC
Gain Control Voltage
Range
V0
–
3.5
fBW
Video Input Signal
Range
dBmV
10
45
100
ABSOLUTE MAXIMUM RATINGS1,2
(TA = 25°C, VCC = 5 V, ZS = 50 Ω, unless otherwise speciÞed)
RECOMMENDED
OPERATING CONDITIONS
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB, with copper
patterning on both sides, TA = 85°C
Note:
1. VCC = 4.5 to 5.5 V
PART NUMBER
PACKAGE OUTLINE
UPC3221GV
S08
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
RF Characteristics
GMID2
Middle Gain 21, VAGC = 1.2 V, PIN = -30 dBm
dB
18
21
24
GMIN
Minimum Gain1, VAGC = 0.5 V, PIN = -30 dBm
dB
6
10
14
GCRin
Gain Control Range Input1, VAGC = 0.5 to 3.0 V
dB
43
50
–
GCRout
Gain Control Range Output1, Vout = 1.0 Vp-p
dB
36
40
–
Gslope
Gain Control Slope1, Gain (at VAGC = 2.2 V) - Gain (at VAGC = 1.2 V)
dB
26.5
29.5
32.5
Voclip
Maximum Output Voltage1, VAGC = 3.0 V at maximum gain
VP-P
2.0
2.8
–
NF
Noise Figure3, VAGC = 3.0 V at maximum gain
dB
–
4.2
5.7
IM3 1
Third Order Intermodulation Distortion1, fIN1 = 44 MHz, fIN2 = 45 MHz, PIN = -30 dBm/tone,
Vout = 0.7 Vp-p/tone at single ended output, ZL = 250 Ω
dBc
43
47
–
IM3 2
Third Order Intermodulation Distortion1 2, fIN1 = 44 MHz, fIN2 = 45 MHz, VAGC = 3.0 V at
maximum gain, Vout = 0.7 Vp-p/tone at single ended output, ZL = 250 Ω
dBc
50
56
–
∆G
Gain1,2, VAGC = 3.0 V, Pin = -60 dBm, ZL = 250 Ω, ∆G = G at, Pout1-G at Pout2dB
-0.5
0
+0.5
ELECTRICAL CHARACTERISTICS, cont.
(TA = 25°C, VCC = 5 V, fIN = 45 MHz, ZS = 50Ω, ZL = 250Ω,single-ended output), unless otherwise noted
PART NUMBER
PACKAGE OUTLINE
UPC3221GV
S08
SYMBOLS
PARAMETERS
UNITS
REFERENCE VALUE
NF2
GAIN Recuction3 = -10 dB
dB
6.0
NF3
GAIN Recuction3 = -20 dB
dB
9.5
Vout
Pin1 = -56 to −16 dBm
Vp-p
1.0
Zin
Input Impedance4 = 0.5 V, f = 45 MHz
Ω
0.9k - j1.4k
Zout
Output Impedance4 = 0.5 V, f = 45 MHz
Ω
9.0+j1.9
IIP3
3rd Order Input Intercept Point1 = VAGC = 0.5 V at minmum gain, f1 = 44
MHz, f2 = 45 MHz, ZL = 250 Ω at single ended output
dBm
+2.5
STANDARD CHARACTERISTICS (TA = 25°C, VCC = 5 V, ZS = 50Ω), unless otherwise noted
Note:
1. By measurement Circuit 1
2. By measurement Circuit 2
3. By measurement Circuit 3
4. By measurement Circuit 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com