Electronic Components Datasheet Search
  English  ▼

X  

UPC3221GV Datasheet(PDF) 3 Page - NEC

Part # UPC3221GV
Description  NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3221GV Datasheet(HTML) 3 Page - NEC

  UPC3221GV Datasheet HTML 1Page - NEC UPC3221GV Datasheet HTML 2Page - NEC UPC3221GV Datasheet HTML 3Page - NEC UPC3221GV Datasheet HTML 4Page - NEC UPC3221GV Datasheet HTML 5Page - NEC UPC3221GV Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pin No.
Name
Applied Voltage
(v)
Pin Voltage
(v)1
Description
Internal Equivalent Circuit
1VCC
4.5 to 5.5
Power supply pin. This pin should be
externally equipped with bypass capaci-
tor to minimize ground impedance.
2
INPUT1
1.29
Signal input pins of AGC ampliÞer.
3
INPUT2
1.29
4VAGC
0 to VCC
Gain control pin. This pin's bias govern
the AGC output level.
Minimuim Gain at VAGC = 0.5 V
Maximum Gain at VAGC = 3 to 3.5 V
Recommended to use by dividing AGC
voltage with external resistor (ex. 1kΩ)
5
GND 2
0
Ground pin. This pin should be con-
nected to system ground with minimum
inductance. Ground pattern on the
board should be formed as wide as
possible.
6
OUTPUT2
2.28
Signal output pins of video ampliÞer
7
OUTPUT1
2.28
8
GND 1
0
Ground pin. This pin should be con-
nected to system ground with minimum
inductance. Ground pattern on the
board should be formed as wide as pos-
sible. All ground pins must be connect-
ed together with wide ground pattern to
decrease impedance difference.
PIN EXPLANATIONS
1
2
5
3
AGC
Control
1
4
5
AGC
Amp
6
8
1
7
Note:
1. PIN is measured at VCC = 5 V
UPC3221GV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com