Electronic Components Datasheet Search
  English  ▼

X  

TDA4480C Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # TDA4480C
Description  Multi standard quasi parallel-sound processor for TV-sets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4480C Datasheet(HTML) 4 Page - TEMIC Semiconductors

  TDA4480C Datasheet HTML 1Page - TEMIC Semiconductors TDA4480C Datasheet HTML 2Page - TEMIC Semiconductors TDA4480C Datasheet HTML 3Page - TEMIC Semiconductors TDA4480C Datasheet HTML 4Page - TEMIC Semiconductors TDA4480C Datasheet HTML 5Page - TEMIC Semiconductors TDA4480C Datasheet HTML 6Page - TEMIC Semiconductors TDA4480C Datasheet HTML 7Page - TEMIC Semiconductors TDA4480C Datasheet HTML 8Page - TEMIC Semiconductors TDA4480C Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TELEFUNKEN Semiconductors
TDA 4480-C
4
Preliminary Information
Parameters
Test Conditions / Pin
Symbol
Min
Type
Max
Unit
Signal to noise ratio (Standard B/G) according to
CCIR 468-2 specifications, SC1: v18-19 = 10 mV,
PC: v1-2 = 10 mV, prelimited demodulator picture carrier
signal from TDA 4453 reference signal: fmod = 1 kHz,
FM deviation = 30 kHz
Black burst
1. channel/2. channel 1)
Pin 7/14
(S=N)/N
62/60
dB
Grid test signal
1. channel/2. channel 1)
Pin 7/14
(S=N)/N
50/48
dB
Converter
DC voltage
V6
y 3.5 V
Pin 10
V10
2.7
V
Tuning range
Pin 10
f
9
13
MHz
Input resistance
Pin 10
R
100
k
W
Input capacity
Pin 10
C
12
pF
1) Standard B/G IF-modulated FBAS-signal
Figure 2: Test circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com