Electronic Components Datasheet Search
  English  ▼

X  

TDA4480C Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # TDA4480C
Description  Multi standard quasi parallel-sound processor for TV-sets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4480C Datasheet(HTML) 5 Page - TEMIC Semiconductors

  TDA4480C Datasheet HTML 1Page - TEMIC Semiconductors TDA4480C Datasheet HTML 2Page - TEMIC Semiconductors TDA4480C Datasheet HTML 3Page - TEMIC Semiconductors TDA4480C Datasheet HTML 4Page - TEMIC Semiconductors TDA4480C Datasheet HTML 5Page - TEMIC Semiconductors TDA4480C Datasheet HTML 6Page - TEMIC Semiconductors TDA4480C Datasheet HTML 7Page - TEMIC Semiconductors TDA4480C Datasheet HTML 8Page - TEMIC Semiconductors TDA4480C Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TELEFUNKEN Semiconductors
TDA 4480-C
5
Preliminary Information
Pin 1,2
IF-input
vision carrier
Pin 18,19
IF-input
sound carrier
Pin 3 (17)
Intercarrier input
Pin 3: 5.74 MHz
Pin 17: 5.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com