Electronic Components Datasheet Search
  English  ▼

X  

THS4130CD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130CD
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4130CD Datasheet HTML 10Page - Texas Instruments THS4130CD Datasheet HTML 11Page - Texas Instruments THS4130CD Datasheet HTML 12Page - Texas Instruments THS4130CD Datasheet HTML 13Page - Texas Instruments THS4130CD Datasheet HTML 14Page - Texas Instruments THS4130CD Datasheet HTML 15Page - Texas Instruments THS4130CD Datasheet HTML 16Page - Texas Instruments THS4130CD Datasheet HTML 17Page - Texas Instruments THS4130CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
resistor matching
Resistor matching is important in fully differential amplifiers. The balance of the output on the reference voltage
depends on matched ratios of the resistor. CMRR, PSRR, and cancellation of the second harmonic distortion
will diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or better
to keep the performance optimized.
VOCM sets the dc level of the output signals. If no voltage is applied to the VOCM pin, it will be set to the midrail
voltage internally defined as:
V
CC) )
V
CC–
2
In the differential mode, the VOCM on the two outputs cancel each other. Therefore, the output in the differential
mode is the same as the input in the gain of 1. VOCM has a high bandwidth capability up to the typical operation
range of the amplifier. For the prevention of noise going through the device, use a 0.1
µF capacitor on the VOCM
pin as a bypass capacitor. The following graph shows the simplified diagram of the THS413x.
_
+
x1
Output Buffer
Vcm Error
Amplifier
C
R
C
R
x1
Output Buffer
VOUT+
VOUT−
VCC+
VCC−
VIN−
VIN+
30 k
Ω
30 k
Ω
VCC+
VCC−
VOCM
Figure 29. THS413x Simplified Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com