Electronic Components Datasheet Search
  English  ▼

X  

THS4130CD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130CD
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4130CD Datasheet HTML 12Page - Texas Instruments THS4130CD Datasheet HTML 13Page - Texas Instruments THS4130CD Datasheet HTML 14Page - Texas Instruments THS4130CD Datasheet HTML 15Page - Texas Instruments THS4130CD Datasheet HTML 16Page - Texas Instruments THS4130CD Datasheet HTML 17Page - Texas Instruments THS4130CD Datasheet HTML 18Page - Texas Instruments THS4130CD Datasheet HTML 19Page - Texas Instruments THS4130CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
data converters (continued)
Some single supply applications may require the input voltage to exceed the common-mode input voltage
range. In such cases, the following circuit configuration is suggested to bring the common-mode input voltage
within the specifications of the amplifier.
VIN
−
+
−
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
VDD
Vref
5 V
VCC
0.1
µF
RPU
RPU
THS1206
VCC
Rf
Rg
VCC
Rf
Rg
VP
VOUT
VOUT
Figure 32. Circuit With Improved Common-Mode Input Voltage
The following equation is used to calculate RPU:
R
PU +
V
P
–V
CC
V
IN
–V
P
1
RG
) V
OUT
–V
P
1
RF
driving a capacitive load
Driving capacitive loads with high performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS413x has been internally compensated to maximize its bandwidth and
slew rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the device’s phase margin leading to high frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 33. A minimum value of 20
Ω should work well for most applications. For
example, in 50-
Ω transmission systems, setting the series resistor value to 50 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
THS413x
Output
Output
20
Ω
20
Ω
390
Ω
390
Ω
390
Ω
390
Ω
Figure 33. Driving a Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com