Electronic Components Datasheet Search
  English  ▼

X  

THS4130ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130ID
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4130ID Datasheet HTML 9Page - Texas Instruments THS4130ID Datasheet HTML 10Page - Texas Instruments THS4130ID Datasheet HTML 11Page - Texas Instruments THS4130ID Datasheet HTML 12Page - Texas Instruments THS4130ID Datasheet HTML 13Page - Texas Instruments THS4130ID Datasheet HTML 14Page - Texas Instruments THS4130ID Datasheet HTML 15Page - Texas Instruments THS4130ID Datasheet HTML 16Page - Texas Instruments THS4130ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−15
−10
−5
0
5
10
15
100
1000
10 k
100 k
OUTPUT VOLTAGE
vs
DIFFERENTIAL LOAD RESISTANCE
RL − Differential Load Resistance − Ω
Rf = 1 k
G = 2
Figure 27
VCC = ± 15 V
VCC = ± 5 V
VCC = ± 5 V
VCC = ± 15 V
VOUT+
VOUT+
VOUT−
VOUT−
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
VCC = ± 5 V
Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com