Electronic Components Datasheet Search
  English  ▼

X  

THS4130ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4130ID
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4130ID Datasheet(HTML) 2 Page - Texas Instruments

  THS4130ID Datasheet HTML 1Page - Texas Instruments THS4130ID Datasheet HTML 2Page - Texas Instruments THS4130ID Datasheet HTML 3Page - Texas Instruments THS4130ID Datasheet HTML 4Page - Texas Instruments THS4130ID Datasheet HTML 5Page - Texas Instruments THS4130ID Datasheet HTML 6Page - Texas Instruments THS4130ID Datasheet HTML 7Page - Texas Instruments THS4130ID Datasheet HTML 8Page - Texas Instruments THS4130ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
EVALUATION
TA
SMALL OUTLINE
MSOP PowerPAD
MSOP
EVALUATION
MODULES
TA
SMALL OUTLINE
(D)
(DGN)
SYMBOL
(DGK)
SYMBOL
MODULES
0
°C to 70°C
THS4130CD
THS4130CDGN
AOB
THS4130CDGK
ATP
THS4130EVM
0
°C to 70°C
THS4131CD
THS4131CDGN
AOD
THS4131CDGK
ATQ
THS4131EVM
−40
°C to 85°C
THS4130ID
THS4130IDGN
AOC
THS4130IDGK
ASO
−
−40
°C to 85°C
THS4131ID
THS4131IDGN
AOE
THS4131IDGK
ASP
−
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC− to VCC+
±33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (see Note 1)
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ (see Note 2)
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, continuous operation, long term reliability, TJ (see Note 3)
125
°C
. . . . . . . .
Operating free-air temperature, TA:C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD ratings:
HBM
2500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CDM
1500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MM
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The THS413x may incorporate a PowerPad
on the underside of the chip. This acts as a heatsink and must be connected to a thermally
dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature which could
permanently damage the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the PowerPad
thermally enhanced package.
NOTE 2: The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
NOTE 3: The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
DISSIPATION RATING TABLE
PACKAGE
θJA ‡
θJC
POWER RATING§
PACKAGE
θJA ‡
(
°C/W)
θJC
(
°C/W)
TA = 25°C
TA = 85°C
D
97.5
38.3
1.02 W
410 mW
DGN
58.4
4.7
1.71 W
685 mW
DGK
260
54.2
385 mW
154 mW
‡ This data was taken using the JEDEC standard High−K test PCB.
§ Power rating is determined with a junction temperature of 125°C. This is the point where distortion starts to
substantially increase. Thermal management of the final PCB should strive to keep the junction temperature at or
below 125
°C for best performance and long term reliability.
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage, VCC+ to VCC−
Dual supply
±2.5
±15
V
Supply voltage, VCC+ to VCC−
Single supply
5
30
V
Operating free-air temperature, TA
C suffix
0
70
°C
Operating free-air temperature, TA
I suffix
−40
85
°C
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com