Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 21Page - National Semiconductor (TI) LM80 Datasheet HTML 22Page - National Semiconductor (TI) LM80 Datasheet HTML 23Page - National Semiconductor (TI) LM80 Datasheet HTML 24Page - National Semiconductor (TI) LM80 Datasheet HTML 25Page - National Semiconductor (TI) LM80 Datasheet HTML 26Page - National Semiconductor (TI) LM80 Datasheet HTML 27Page - National Semiconductor (TI) LM80 Datasheet HTML 28Page - National Semiconductor (TI) LM80 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Functional Description (Continued)
12.8 Fan Divisor Register/RST_OUT/OS — Address 05h
Power on – <7:4> is 0101, and <3:0>is mapped to VID <3:0>
Bit
Name
Read/Write
Description
0
FAN1 Mode
Select
Read/Write
A one selects the level sensitive input mode while a zero selects Fan count mode
for the FAN1 input pin.
1
FAN2 Mode
Select
Read/Write
A one selects the level sensitive input mode while a zero selects Fan count mode
for the FAN2 input pin.
2-3
FAN1 RPM
Control
Read/Write
FAN1 Speed Control.
<3:2> = 00 - divide by 1;
<3:2> = 01 - divide by 2;
<3:2> = 10 - divide by 4;
<3:2> = 11 - divide by 8.
If level sensitive input is selected: >2< = 1 selects and active-low input (An interrupt
will be generated if the FAN2 input is Low), >2< = 0 selects an active-high input (an
interrupt will be generated if the FAN2 input is High).
4-5
FAN2 RPM
Control
Read/Write
FAN2 Speed Control.
<5:4> = 00 - divide by 1;
<5:4> = 01 - divide by 2;
<5:4> = 10 - divide by 4;
<5:4> = 11 - divide by 8.
If level sensitive input is selected: <2> = 1 selects and active-low input (An interrupt
will be generated if the FAN2 input is Low), <2> = 0 selects an active-high input (an
interrupt will be generated if the FAN2 input is High).
6
OS pin enable
Read/Write
A one enables OS mode on the RST_OUT/OS output pin, while Bit 7 of this register
is set to zero. If bits 6 and 7 of this register are set to zero the RST_OUT/OS pin is
disabled.
7
RST enable
Read/Write
A one sets the RST_OUT/OS pin in the RST mode. In the RST mode, bit 7 of the
Fan Divisor/RST_OUT/OS Register has to be set to one. If bits 6 and 7 of this
register are set to zero the RST_OUT/OS pin is disabled.
12.9 OS Configuration/Temperature Resolution Register — Address 06h
Power on default Serial Bus address <7:0> = 0000 0001 binary
Bit
Name
Read/Write
Description
0
OS status
Read only
Status of the OS.This bit mirrors the state of the RST_OUT/OS pin when in the OS
mode.
1
OS Polarity
Read/Write
A zero selects OS to be active-low, while a one selects OS to be active high. OS is
an open-drain output.
2
OS mode select
Read/Write
A one selects the one time interrupt mode for OS, while a zero selects comparator
mode for OS. (See in Section 7.0)
3
Temperature
Resolution
Control
Read/Write
A zero selects the default 8-bit plus sign resolution temperature conversions while a
one selects 11-bit plus sign resolution temperature conversions. 8-bit plus sign
conversions time is approximately 100 ms, while 11-bit plus sign conversion time is
approximately 2 seconds.
4-7
Temp [3:0]
Read/Write
The lower nibble (4 LSBs) of the 11-bit plus sign temperature data. <4> = Temp
[0] (nibble LSB, 0.0625˚C), <5> = Temp [1], <6> = Temp [2], <7> = Temp 3
(nibble MSB, 0.5˚C). For 8-bit plus sign temperature resolution, <7> = Temp [0]
(LSB, 0.5˚C) while <4:6> are undefined.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com