Electronic Components Datasheet Search
  English  ▼

X  

V6319 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # V6319
Description  3-Pin Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6319 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  V6319 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
V6309
V6319
Copyright © 2006, EM Microelectronic-Marin SA
03/06 – rev.G
1
www.emmicroelectronic.com
3-Pin Microprocessor Reset Circuit
Description
The V6309 and V6319 are microprocessor supervisory
circuits used to monitor the power supplies in µP and digital
systems. They provide excellent circuit reliability and low
cost by eliminating external components and adjustments
when used with 5V powered or 3V powered circuits.
These circuits perform a single function: they assert a reset
signal whenever the VDD supply voltage declines below a
preset threshold, keeping it asserted for at least 140ms after
VDD has risen above the reset threshold. The only difference
between the two devices is that the V6309 has an active-low
RESET output (which is guaranteed to be in the correct
state for VDD down to 1V), while the V6319 has an active-
high RESET output. The reset comparator is designed to
ignore fast transients on VDD. Reset thresholds suitable for
operation with a variety of supply voltages are available.
Low supply current makes the V6309/V6319 ideal for use in
portable equipment. The V6309/V6319 come in a 3-pin
SOT23 package.
Features
!
Precision monitoring of 3V, 3.3V and 5V power supply
voltages
!
Fully specified over the temperature range of
-40 to +125°C
!
140ms minimum power-on reset pulse width:
RESET output for V6309
RESET output for V6319
!
16 µA supply current
!
Guaranteed RESET/RESET valid to VDD = 1V
!
Power supply transient immunity
!
No external components needed
!
3-pin SOT23 package
!
Fully compatible with MAX809/MAX810
Applications
!
Computer
!
Controllers
!
Intelligent instruments
!
Critical µP and µC power monitoring
!
Portable/battery-powered equipment
Typical Operating Configuration
Micro-
processor
VDD
VDD
VSS
VSS
RES
VDD
RES
V6309
Fig. 1
Pin Assignment
V6309/19
3
2
1
VDD
VSS
RES / RES
SOT23-3L
Fig. 2
Pin Description
Pin
Name
Function
1
VSS
Ground
2
for V6309
RESET
RESET Output remains low while
VDD is below the reset threshold and
rises for 240ms after VDD above the
reset threshold
2
for V6319
RESET
RESET Output remains high while
VDD is below the reset threshold and
rises for 240ms after VDD above the
reset threshold
3
VDD
Supply voltage (+5V, +3.3V or
+3.0V)
Table 1
EM MICROELECTRONIC - MARIN SA


Similar Part No. - V6319

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6310 ETC1-V6310 Datasheet
283Kb / 4P
Ultra Low Power 3-Pin Voltage Window Surveillance with Time-out
More results

Similar Description - V6319

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803_D DIODES-APX803_D Datasheet
113Kb / 11P
er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
3-Pin Microprocessor Reset Monitor
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com