Electronic Components Datasheet Search
  English  ▼

X  

V6319 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # V6319
Description  3-Pin Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6319 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  V6319 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6319 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
V6309
V6319
Copyright © 2006, EM Microelectronic-Marin SA
03/06 – rev.G
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Terminal voltage to VSS
VDD
-0.3V to + 6.0V
Min. voltage at RESET or
RESET
Vmin
-0.3V
Maximum voltage at RESET or
RESET
Vmax
VCC + 0.3V
Input current at VDD
Imin
20 mA
Output current at RESET or
RESET
Imax
20 mA
Rate of rise at VDD
tR
100Vµs
Continuous power dissipation at
TA = +70°C for SOT-23
(>70°C derate by 4 mW/°C)
Pmax
320 mW
Operating temperature range
TA
-40 to +125°C
Storage temperature range
TST
-65°C to +150°C
Table 2
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, it is advised that normal
precautions be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur
when all terminal voltages are kept within the voltage range.
Electrical Characteristics
VDD = full range, TA = -40 to +125°C, unless otherwise specified, typical values at TA = +25°C, VDD = 5V for versions L and M,
VDD = 3.3V for versions T and S, VDD = 3 V for R. (Production testing done at TA = +25°C and 85°C, over temperature limits
guaranteed by design only)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VDD range
VDD
TA = 0 to +70°C
1.0
5.5
V
TA = -40 to +105C
1.2
5.5
V
TA = -40 to +125°C
1.6
5.5
V
Supply current
versions L, M
ICC
VDD < 5.5V
26
60
µA
versions R, S, T
VDD < 3.6V
16
50
µA
RESET threshold
1)
version L
VTH
TA = +25°C
4.56
4.63
4.70
V
TA = -40 to +125°C
4.40
4.79
V
version M
TA = +25°C
4.31
4.38
4.45
V
TA = -40 to +125°C
4.16
4.53
V
version T
TA = +25°C
3.04
3.08
3.11
V
TA = -40 to +125°C
2.92
3.17
V
version S
TA = +25°C
2.89
2.93
2.96
V
TA = -40 to +125°C
2.78
3.02
V
version R
TA = +25°C
2.59
2.63
2.66
V
TA = -40 to +125°C
2.50
2.72
V
Reset threshold temp. coefficient
-200
ppm/°C
VDD to reset delay
1)
VDD = VTH to (VTH – 100mV)
7
µs
Reset active timeout period
TA = -40 to °125°C
140
330
590
ms
RESET output voltage low for V6309
VOL
VDD > 1.0V, ISINK = 50µA
0.3
V
versions R, S, T
VDD = VTH min., ISINK = 1.2mA
0.3
V
versions L, M
VDD = VTH min., ISINK = 3.2mA
0.4
V
RESET output voltage high for V6309
versions R, S, T
VOH
VDD = VTH max., ISOURCE = 500µA
0.8 VDD
V
versions L, M
VDD = VTH max., ISOURCE = 800µA
VDD-1.5V
V
RESET output voltage low for V6319
versions R, S, T
VOL
VDD = VTH max., ISINK = 1.2mA
0.3
V
versions L, M
VDD = VTH max., ISINK = 3.2mA
0.4
V
RESET output voltage high for V6319
VOH
1.8V < VDD < VTH min.,
ISOURCE = 150µA
0.8 VDD
V
Table 3
1)
RESET output for V6309 , RESET output for V6319



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com