Electronic Components Datasheet Search
  English  ▼

X  

LM81 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 24Page - National Semiconductor (TI) LM81 Datasheet HTML 25Page - National Semiconductor (TI) LM81 Datasheet HTML 26Page - National Semiconductor (TI) LM81 Datasheet HTML 27Page - National Semiconductor (TI) LM81 Datasheet HTML 28Page - National Semiconductor (TI) LM81 Datasheet HTML 29Page - National Semiconductor (TI) LM81 Datasheet HTML 30Page - National Semiconductor (TI) LM81 Datasheet HTML 31Page - National Semiconductor (TI) LM81 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Functional Description (Continued)
13.16 Value RAM — Address 15h–3Fh
Address A6–A0
Description
15h
Manufacturers Test Register
19h
DAC data register; power on default <7:0> =1111 1111 binary
20h
+2.5Vin reading
21h
Vccp1 reading
22h
+3.3Vin reading
23h
+5Vin reading
24h
+12Vin reading
25h
Vccp2 reading
26h
Reserved reading
27h
Temperature reading (8 MSBs)
28h
FAN1 reading
Note: This location stores the number of counts of the internal clock per revolution.
29h
FAN2 reading
Note: This location stores the number of counts of the internal clock per revolution.
2Ah
Reserved
2Bh
+2.5Vin High Limit
2Ch
+2.5Vin Low Limit
2Dh
Vccp1 High Limit
2Eh
Vccp1 Low Limit
2Fh
+3.3Vin High Limit
30h
+3.3Vin Low Limit
31h
+5Vin High Limit
32h
+5Vin Low Limit
33h
+12Vin High Limit
34h
+12Vin Low Limit
35h
Vccp2 High Limit
36h
Vccp2 Low Limit
37h
T_CRIT Limit (Extended Mode)
38h
LOW Limit (Extended Mode)
39h
HIGH Temperature Limit
3Ah
HIHYST Temperature Limit
3Bh
FAN1 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Ch
FAN2 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Dh
Reserved
3Eh
Company Identification. The number in this register identifies National Semiconductor (0000 0001)
3Fh
Stepping Register LM81 revision number (0000 0011)
Note: Setting all ones to the high limits for voltages and fans (0111 1111 binary for temperature) means interrupts will never be generated except the case when volt-
ages go below the low limits.
For voltage input high limits, the device is doing a greater than comparison. For low limits, however, it is doing a less than or equal to comparison.
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com