Electronic Components Datasheet Search
  English  ▼

X  

ACTF139 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF139
Description  SAW filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF139 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF139_10 Datasheet HTML 1Page - Advanced Crystal Technology ACTF139_10 Datasheet HTML 2Page - Advanced Crystal Technology ACTF139_10 Datasheet HTML 3Page - Advanced Crystal Technology ACTF139_10 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
2 OF 4
3.Performance
3-1.Maximum Ratings
Rating
Value
DC Voltage
VDC
+15 V Max.
AC Voltage
VPP
10V50Hz/60Hz
Operation temperature
-4
°C to +85 °C
Storage temperature
-45
°C to +85 °C
RF Power Dissipation
0 dBm
3-2.Electrical characteristics
Operating temperature Range: -10
°C to +50 °C
Part number
F139
F147
F155
F163
F171
Unit
Nominal centre frequency
139.0
147.0
155.0
163.0
171.0
MHz
Insertion Loss
fC -100.0MHz to fC -46.8MHz
50 min.
50 min.
50 min.
50 min.
50 min.
dB
fC - 46.8MHz to fC -38.8MHz
50 min.
50 min.
50 min.
50 min.
50 min.
dB
f C±4.0MHz
6.5 max.
6.5 max.
6.5 max.
6.5 max.
6.5 max.
dB
fC + 38.8MHz to 2.5×fC
42 min.
42 min.
42 min.
42 min.
42 min.
dB
Input/Output Impedance
210//-13.3
210//-12.1
210//-12.3
210//-11.0
210//-10.9
Ω//pF
Part number
F280
Unit
Centre Frequency
281.0
MHz
Insertion Loss
277.9MHz …. 284.1MHz
4.5 max.
dB
Amplitude ripple
277.9MHz …. 284.1MHz
1.5 max.
dB
Attenuation
fC -100.0MHz …. fC
-39.5MHz
48 max.
dB
fC
-39.5MHz …. fC -100.0MHz
40 max.
dB
Input/Output Impedance
150
Ω
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com