Electronic Components Datasheet Search
  English  ▼

X  

ACTF139 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF139
Description  SAW filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF139 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF139_10 Datasheet HTML 1Page - Advanced Crystal Technology ACTF139_10 Datasheet HTML 2Page - Advanced Crystal Technology ACTF139_10 Datasheet HTML 3Page - Advanced Crystal Technology ACTF139_10 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 4
This specification covers the characteristics and specifications of SAW filters
for parts ACTF139/139.0/1F11, ACTF147/147.0/F11, ACTF155/155.0F11,
ACTF163/163.0/F11, ACTF171/ 171.0/F11 and ACTF280/280.0/F11 which are
designed for use in pager applications.
1.Package Dimension (F-11)
2.Test Circuits
Pin
Configuration
1
Terminal 1
4
Terminal 2
2/3
Case Ground
Dimensions
Data (unit: mm)
A
11.0±0.3
B
4.5±0.3
C
3.1±0.1
D
0.45±0.2
E
6.0±0.5
F
2.54±0.2
Issue : 1.1 C1
Date : March 2010


Similar Part No. - ACTF139_10

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF139/139.0/1F11 ACT-ACTF139/139.0/1F11 Datasheet
141Kb / 4P
Designed for use in pager applications
SEPT 04
More results

Similar Description - ACTF139_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACTF378 ETC-ACTF378 Datasheet
144Kb / 5P
SAW filters
logo
Murata Manufacturing Co...
SAFC162MC70N MURATA-SAFC162MC70N Datasheet
150Kb / 5P
CERAMIC MICROWAVE FILTERS SAW FILTERS
logo
Advanced Crystal Techno...
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
SAW filters
SEPT 04
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
IF SAW Filters
logo
Panasonic Semiconductor
EFCH836MTDB1 PANASONIC-EFCH836MTDB1 Datasheet
80Kb / 3P
SAW Devices(SAW Filters)
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
IF SAW Filters
logo
TriQuint Semiconductor
856561 TRIQUINT-856561_15 Datasheet
445Kb / 6P
1575.42MHz SAW filters
logo
TDK Electronics
B39171B3883Z710 TDK-B39171B3883Z710 Datasheet
157Kb / 6P
SAW filters for infrastructure systems
logo
Advanced Crystal Techno...
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
SAW filters
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
SAW filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com