Electronic Components Datasheet Search
  English  ▼

X  

ZOPT2202 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZOPT2202 Datasheet HTML 2Page - Integrated Device Technology ZOPT2202 Datasheet HTML 3Page - Integrated Device Technology ZOPT2202 Datasheet HTML 4Page - Integrated Device Technology ZOPT2202 Datasheet HTML 5Page - Integrated Device Technology ZOPT2202 Datasheet HTML 6Page - Integrated Device Technology ZOPT2202 Datasheet HTML 7Page - Integrated Device Technology ZOPT2202 Datasheet HTML 8Page - Integrated Device Technology ZOPT2202 Datasheet HTML 9Page - Integrated Device Technology ZOPT2202 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
6
September 21, 2016
1. Characteristics
1.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The device might not function or be operable above the recommended operating
conditions given in section 1.2. Stresses exceeding the absolute maximum ratings might damage the device. In addition, extended exposure
to stresses above the recommended operating conditions might affect device reliability. IDT does not recommend designing to the “Absolute
Maximum Ratings.”
Parameter
Symbol
Conditions
Min.
Max.
Units
Maximum input supply voltage (VDD pin)
VDD-GND
4.0
V
Maximum voltage on SCL, SDA and INT pins
VI2C
-0.5
4.0
V
Maximum operating temperature range
TAMB_MAX
-40
90
°C
Storage temperature
TSTOR
-45
95
°C
Maximum input current into any pin except supply pins
(latch-up)
IIN
-100
100
mA
Electrostatic Discharge Protection[a]
VHBM
Human Body Model,
JESD22-A114
2000
V
[a] HBM: C = 100pF charged to VHBM with resistor R = 1.5k
 in series; valid for all pins.
1.2
Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Voltage supply on VDD pin
VDD
1.7
3.6
V
Ambient operating temperature range
TAMB
-40
90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com