Electronic Components Datasheet Search
  English  ▼

X  

ZOPT2202 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZOPT2202 Datasheet HTML 3Page - Integrated Device Technology ZOPT2202 Datasheet HTML 4Page - Integrated Device Technology ZOPT2202 Datasheet HTML 5Page - Integrated Device Technology ZOPT2202 Datasheet HTML 6Page - Integrated Device Technology ZOPT2202 Datasheet HTML 7Page - Integrated Device Technology ZOPT2202 Datasheet HTML 8Page - Integrated Device Technology ZOPT2202 Datasheet HTML 9Page - Integrated Device Technology ZOPT2202 Datasheet HTML 10Page - Integrated Device Technology ZOPT2202 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
7
September 21, 2016
1.3
Electrical and Optical Parameters
VDD = 2.8V, TAMB= -40°C to +90°C, unless otherwise noted.
Note: See important table notes at the end of the table.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power On Reset
DC power-on reset level
PORLH
Slow variation of VDD
1.00
1.34
1.60
V
PORHL
Current Consumption
UVAB_S Mode[a]
IUVA
Maximum duty cycle, VDD
= 2.8V
110
µA
UVB_ONLY Mode [a]
IUVB
Maximum duty cycle, VDD
= 2.8V
100
µA
UVAB_Raw Mode [a]
IUVA+B
Maximum duty cycle, VDD
= 2.8V
130
µA
Standby Mode
ISBY
ZOPT2202 in Standby
Mode, no active I²C
communication
1
2
µA
I2C Interface
I²C signal input high
VI2Chigh
1.5
VDD
V
I²C signal input low
VI2Clow
0
0.4
V
UVAS Characteristics
Spectral response
See Figure 2.1 and Figure 2.2.
Sensitivity at gain 1
G1
Specifications apply to the
20-bit resolution setting.
Specifications change with
resolution setting as given
in Table 3.5.
0.106
Sensitivity at gain 3
G3
0.035
Sensitivity at gain 6 [b]
G6
0.018
Sensitivity at gain 9 [b]
G9
0.012
Sensitivity at gain 18 [b]
G18
0.006
Calibrated error at gain 18
Calibration done with UVA
LED, 360nm, TAMB =
+25°C
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com