Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F2914
Description  High Reliability SP4T RF Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2914 Datasheet(HTML) 1 Page - Integrated Device Technology

  F2914 Datasheet HTML 1Page - Integrated Device Technology F2914 Datasheet HTML 2Page - Integrated Device Technology F2914 Datasheet HTML 3Page - Integrated Device Technology F2914 Datasheet HTML 4Page - Integrated Device Technology F2914 Datasheet HTML 5Page - Integrated Device Technology F2914 Datasheet HTML 6Page - Integrated Device Technology F2914 Datasheet HTML 7Page - Integrated Device Technology F2914 Datasheet HTML 8Page - Integrated Device Technology F2914 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
F2914
Datasheet
High Reliability SP4T RF Switch
50 MHz to 8000 MHz
F2914, Rev O 03/01/2016
1
© 2016 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The F2914 is a high reliability, low insertion loss, 50
SP4T absorptive RF switch designed for a multitude of
RF applications including wireless communications.
This device covers a broad frequency range from
50 MHz to 8000 MHz. In addition to providing low
insertion loss, the F2914 also delivers excellent
linearity and isolation performance while providing a
50
termination to the unused RF input ports. The
F2914 also includes a patent pending constant
impedance (KZ) feature. KZ improves system hot
switching ruggedness, minimizes LO pulling in VCOs,
and reduces phase and amplitude variations in
distribution networks. It is also ideal for dynamic
switching / selection between two or more amplifiers
while avoiding damage to upstream /downstream
sensitive devices such as PAs and ADCs.
The F2914 uses a single positive supply voltage
supporting three logic control pins using either 3.3 V or
1.8 V control logic. Connecting a negative voltage to
pin 20 disables the internal negative voltage generator
and becomes the negative supply.
COMPETITIVE ADVANTAGE
The F2914 provides constant impedance in all RF ports
during transitions improving a system’s hot-switching
ruggedness. The device also supports high power
handling, and high isolation; particularly important for
DPD receiver use.
Constant impedance K
K||ZZ|| during switching transition
RFX to RFC Isolation = 50 dB*
Insertion Loss = 1.1 dB*
IIP3: +60 dBm*
Extended temperature: -40 °C to +105 °C
* 4 GHz
APPLICATIONS
•
Base Station 2G, 3G, 4G
•
Portable Wireless
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
Military Systems, JTRS radios
•
Cable Infrastructure
•
Test / ATE Equipment
FEATURES
•
Four symmetric, absorptive RF ports
•
High Isolation: 50 dB @ 4000 MHz
•
Low Insertion Loss: 1.1 dB @ 4000 MHz
•
High Linearity:
o
IIP2 of 114 dBm @ 2000 MHz
o
IIP3 of 60 dBm @ 4000 MHz
•
High Operating Power Handling:
o
33 dBm CW on selected RF port
o
27 dBm on terminated ports
•
Single 2.7 V to 5.5 V supply voltage
•
External Negative Supply Option
•
3.3 V and 1.8 V compatible control logic
•
Operating temperature -40 °C to +105 °C
•
4 mm x 4 mm 24 pin QFN package
•
Pin compatible with competitors
FUNCTIONAL BLOCK DIAGRAM
Control
Circuit
RF4
RF2
RF1
V1 V2 V3
RFC
50
50
50
RF3
50
VSSEXT
K|Z|
ORDERING INFORMATION
F2914NBGK8
Green
Tape
& Reel


Similar Part No. - F2914

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
logo
Integrated Device Techn...
F2914NBGK IDT-F2914NBGK Datasheet
258Kb / 1P
High Reliability SP4T RF Switch
logo
Renesas Technology Corp
F2914NBGK8 RENESAS-F2914NBGK8 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
More results

Similar Description - F2914

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2254 SPECTRUM-TWD2254 Datasheet
80Kb / 1P
SP4T RF SWITCH
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
SP4T RF SWITCH
TWP2262 SPECTRUM-TWP2262 Datasheet
63Kb / 1P
SP4T RF SWITCH
logo
Integrated Device Techn...
F2914NBGK IDT-F2914NBGK Datasheet
258Kb / 1P
High Reliability SP4T RF Switch
logo
Mini-Circuits
JSW4-272DR MINI-JSW4-272DR Datasheet
390Kb / 7P
SP4T RF Switch
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
SP4T RF Switch
logo
Infineon Technologies A...
BGSA142GN12 INFINEON-BGSA142GN12 Datasheet
394Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142M2N12 INFINEON-BGSA142M2N12 Datasheet
381Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
logo
Renesas Technology Corp
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com