Electronic Components Datasheet Search
  English  ▼

X  

F2914 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # F2914
Description  High Reliability SP4T RF Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2914 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button F2914 Datasheet HTML 9Page - Integrated Device Technology F2914 Datasheet HTML 10Page - Integrated Device Technology F2914 Datasheet HTML 11Page - Integrated Device Technology F2914 Datasheet HTML 12Page - Integrated Device Technology F2914 Datasheet HTML 13Page - Integrated Device Technology F2914 Datasheet HTML 14Page - Integrated Device Technology F2914 Datasheet HTML 15Page - Integrated Device Technology F2914 Datasheet HTML 16Page - Integrated Device Technology F2914 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
F2914
Rev O 03/01/2016
13
High Reliability SP4T RF Switch
APPLICATIONS INFORMATION
Default Start-up
Control pins include no internal pull-down resistors to logic LOW or pull-up resistors to logic HIGH.
Logic Control
Three control pins V1, V2, and V3 are used to set the state of the SP4T switch (see Table 1 or Table 2).
External Vss
The F2914 is designed with an on-chip negative voltage generator. This on-chip generator is enabled by
connecting pin 20 of the device to ground. To disable the on-chip generator apply a negative voltage to pin 20
(VSSEXT) of the device within the range stated in the Recommended Operating Conditions Table.
Power Supplies
A common VDD power supply should be used for all pins requiring DC power. All supply pins should be
bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure
and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should
have a slew rate smaller than 1V/20uS. In addition, all control pins should remain at 0 V (+/-0.3 V) while the
supply voltage ramps or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot,
ringing, etc., the following circuit at the input of each control pin is recommended. This applies to control pins
17, 18, and 19 as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com