Electronic Components Datasheet Search
  English  ▼

X  

ZXFV302 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXFV302
Description  4:1 HIGH SPEED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV302 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXFV302 Datasheet HTML 1Page - Zetex Semiconductors ZXFV302 Datasheet HTML 2Page - Zetex Semiconductors ZXFV302 Datasheet HTML 3Page - Zetex Semiconductors ZXFV302 Datasheet HTML 4Page - Zetex Semiconductors ZXFV302 Datasheet HTML 5Page - Zetex Semiconductors ZXFV302 Datasheet HTML 6Page - Zetex Semiconductors ZXFV302 Datasheet HTML 7Page - Zetex Semiconductors ZXFV302 Datasheet HTML 8Page - Zetex Semiconductors ZXFV302 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply voltage VCC
-0.5V to +6V
Supply voltage VEE
-6V to +0.5V
Analog inputs to ground
VEE -0.5V to VCC +0.5V
Digital inputs to ground
-0.5V to VCC +0.5V
Outputs to ground*
VEE -0.5V to VCC +0.5V
Output current, max continous
40mA
Operating Ambient Temperature Range
-40 C to 85 C Storage -65 C to 150 C
Operating Junction temperature TJMAX
150 C**
**The thermal resistance from the semiconductor die to ambient is typically 120 C/W when the SO16 package is
mounted on a PCB in free air. The power dissipation of the device when loaded must be designed to keep the
device junction temperature below TJMAX.
*During power-up and power-down, these voltage ratings require an appropriate sequence of applying and
removing signals and power supplies.
ZXFV302
ISSUE 4 - NOVEMBER 2002
2
PARAMETER
CONDITIONS
TEST
MIN
TYP
MAX
UNIT
Supply Voltage V+
4.75
5
5.25
V
Supply Voltage V-
-5.25
-5
-4.75
V
Positive supply current
P
13
17
21
mA
Negative supply current
P
9
13
18
mA
Voltage gain DC
P
0.99
1.000
1.01
V/V
Input Common mode Voltage
P
3V
Input resistance
P
45
k
Output offset Voltage
All channels held at 0V
P
-10
+11
+30
mV
Input bias current
Active channels held at 0V
P
-25
-11
+5
A
Output Voltage swing
P
3V
Output drive current
P
40
mA
Output resistance
C
1
Output resistance
Disabled (EN low)
P
1.5
3
4.5
M
Positive PSRR
P
40
54
dB
Negative PSRR
P
30
51
dB
Small signal bandwidth
1
C
300
MHz
Slew rate, 25% to 75%
2V pk-pk
C
450
V/ s
Logic input HIGH VHmin
C2
V
Logic input LOW VLmax
C
0.8
V
Logic input current IINHIGH
logic input voltage = 5V
C
5
pA
Logic input current IINLOW
logic input voltage = 0V
C
-70
A
ELECTRICAL CHARACTERISTICS
5V power supplies, T
amb = 25 C unless otherwise stated. RL = 150
, C
L = 10pF
Characteristics apply to channel selected, and EN input HIGH unless otherwise stated
Test level:
P = 100% production test
C = characterised only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com