Electronic Components Datasheet Search
  English  ▼

X  

ZXFV302 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXFV302
Description  4:1 HIGH SPEED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV302 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXFV302 Datasheet HTML 1Page - Zetex Semiconductors ZXFV302 Datasheet HTML 2Page - Zetex Semiconductors ZXFV302 Datasheet HTML 3Page - Zetex Semiconductors ZXFV302 Datasheet HTML 4Page - Zetex Semiconductors ZXFV302 Datasheet HTML 5Page - Zetex Semiconductors ZXFV302 Datasheet HTML 6Page - Zetex Semiconductors ZXFV302 Datasheet HTML 7Page - Zetex Semiconductors ZXFV302 Datasheet HTML 8Page - Zetex Semiconductors ZXFV302 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXFV302
ISSUE 4 - NOVEMBER 2002
3
A1
A0
EN
OUT
XX
0
Hi Z
001
IN 1
011
IN 2
101
IN 3
111
IN 4
Truth table for selection of input channel
Notes: The ‘select’ waveform represents a change in the the 2 bit control word A0 and A1.
t
HIGH is equivalent to tLOW but , applies for a positive going transition of OUT.
Fig.2: TIMING DIAGRAM
PARAMETER
CONDITIONS
TEST
MIN
TYP
MAX
UNIT
tON
Vout =
2V, see timing diagram
C
35
ns
tOFF
Vout =
2V, see timing diagram
C
10
ns
tLOW
Vout =
2V, see timing diagram
C
50
ns
tHIGH
Vout =
2V, see timing diagram
C
40
ns
Cross-talk, all hostile
1
10MHz, 0dBm in
C
75
dB
Differential Gain
C
0.01
%
Differential Phase
C
0.04
deg
Switching transients,
magnitude
All channels held at 0V
C
50
mV
Switching transients,
duration
All channels held at 0V
C
25
ns
ELECTRICAL CHARACTERISTICS
5V power supplies, Tamb = 25 C unless otherwise stated. RL = 150 , CL = 10pF
Characteristics apply to channel selected, and EN input HIGH unless otherwise stated
Test level:P = 100% production test
C = characterised only
Notes:
1. Bandwidth and cross talk measured using Zetex Evaluation Circuit Board detailed later in this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com