Electronic Components Datasheet Search
  English  ▼

X  

F1455 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F1455
Description  TX Digital VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1455 Datasheet(HTML) 2 Page - Integrated Device Technology

  F1455 Datasheet HTML 1Page - Integrated Device Technology F1455 Datasheet HTML 2Page - Integrated Device Technology F1455 Datasheet HTML 3Page - Integrated Device Technology F1455 Datasheet HTML 4Page - Integrated Device Technology F1455 Datasheet HTML 5Page - Integrated Device Technology F1455 Datasheet HTML 6Page - Integrated Device Technology F1455 Datasheet HTML 7Page - Integrated Device Technology F1455 Datasheet HTML 8Page - Integrated Device Technology F1455 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
2
October 19, 2016
Pin Assignments
Figure 2. Pin Assignments for 6 mm x 6 mm x 0.9 mm QFN Package – Top View
CLK
CSb
7
6
5
4
3
2
1
DATA
RSET
GND
GND
RFIN
NC
GND
15
16
17
18
19
20
21
NC
NC
GND
GND
RFOUT
F1455
Exposed Pad
(GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com