Electronic Components Datasheet Search
  English  ▼

X  

F1455 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # F1455
Description  TX Digital VGA
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1455 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button F1455 Datasheet HTML 9Page - Integrated Device Technology F1455 Datasheet HTML 10Page - Integrated Device Technology F1455 Datasheet HTML 11Page - Integrated Device Technology F1455 Datasheet HTML 12Page - Integrated Device Technology F1455 Datasheet HTML 13Page - Integrated Device Technology F1455 Datasheet HTML 14Page - Integrated Device Technology F1455 Datasheet HTML 15Page - Integrated Device Technology F1455 Datasheet HTML 16Page - Integrated Device Technology F1455 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
13
October 19, 2016
Typical Performance Characteristics
Figure 27. Output IP3 vs. Freq over Temp and
Voltage [Attn = 0.0 dB]
Figure 28. Output P1dB vs. Atten over Temp
and Voltage [1.70 GHz]
Figure 29. Output P1dB vs. Freq over Temp and
Voltage [Attn = 0.0 dB]
Figure 30. Output P1dB vs. Atten over Temp
and Voltage [1.88 GHz]
Figure 31. Output P1dB vs. Atten over Temp
and Voltage [2.10 GHz]
25
30
35
40
45
50
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Frequency (GHz)
-40 C / 4.75 V
-40 C / 5.00 V
-40 C / 5.25 V
+25 C / 4.75 V
+25 C / 5.00 V
+25 C / 5.25 V
+105 C / 4.75 V
+105 C / 5.00 V
+105 C / 5.25 V
8
10
12
14
16
18
20
22
24
26
28
0
5
10
15
20
25
30
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V
14
16
18
20
22
24
26
28
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Frequency (GHz)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V
8
10
12
14
16
18
20
22
24
26
28
0
5
10
15
20
25
30
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V
8
10
12
14
16
18
20
22
24
26
28
0
5
10
15
20
25
30
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com