Electronic Components Datasheet Search
  English  ▼

X  

R0.25S Datasheet(PDF) 1 Page - Recom International Power

Part # R0.25S
Description  Full Power at 100째C Ambient Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S Datasheet(HTML) 1 Page - Recom International Power

  R0.25S Datasheet HTML 1Page - Recom International Power R0.25S Datasheet HTML 2Page - Recom International Power R0.25S Datasheet HTML 3Page - Recom International Power R0.25S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100
60
20
40
110
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
Standard Case
Derating-Graph
(Ambient Temperature)
Selection Guide
Part
Input
Output
Output
Capacitive
Number
Voltage
Voltage
Current
Load
SMD
(3kV)
(VDC)
(VDC)
(mA)
(max.)
R0.25S**-xx3.3
(H)
3.3, 5, 12, 15, 24
3.3
76
1000µF
R0.25S**-xx05
(H)
3.3, 5, 12, 15, 24
5
50
470µF
R0.25S**-xx09
(H)
3.3, 5, 12, 15, 24
9
28
470µF
R0.25S**-xx12
(H)
3.3, 5, 12, 15, 24
12
21
150µF
R0.25S**-xx15
(H)
3.3, 5, 12, 15, 24
15
17
68µF
R0.25S**-xx24
(H)
3.3, 5, 12, 15, 24
24
10.4
68µF
R0.25D**-xx3.3
(H)
3.3, 5, 12, 15, 24
±3.3
±38
470µF
R0.25D**-xx05
(H)
3.3, 5, 12, 15, 24
±5
±25
220µF
R0.25D**-xx09
(H)
3.3, 5, 12, 15, 24
±9
±14
68µF
R0.25D**-xx12
(H)
3.3, 5, 12, 15, 24
±12
±10.4
68µF
R0.25D**-xx15
(H)
3.3, 5, 12, 15, 24
±15
±8.3
68µF
R0.25D**-xx24
(H)
3.3, 5, 12, 15, 24
±24
±5.2
33µF
R0.25DA**-xx0505
3.3, 5, 12, 15, 24
5/5
25/25
220µF/220µF
R0.25DA**-xx1212
3.3, 5, 12, 15, 24
12/12
10/10
68µF/68µF
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5% typ., ±7% max.
Line Voltage Regulation
(low line to high line at max. load)
2% max.
Load Voltage Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% full load)
5V, 5/5V output types
12% typ., 15% max.
9V output type
7% typ., 10% max.
12V, 12/12V, 15V, 24V output types
6% typ., 10% max.
Output Ripple and Noise (20MHz BW limited)
100mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 90kHz max.
continued on next page
0.25 Watt SMD
Single, Dual
& Independent
Outputs
● Fully RoHS 6/6 Conform
● Full Power at 100°C Ambient Temperature
● 1kVDC or 3kVDC Isolation Options
● Suitable for Fully Automated Assembly
(including Vapor Phase Soldering)
● Optional Continuous Short Circuit Protection
● Built-In EN55022 Class A Filter
Features
Unregulated
Converters
R0.25S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
R0.25D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option, no DA option)
R0.25D(A): ** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
R0.25D(A): ** with marking 12 denotes 10 pins out of 12 fitted (includes /H option - except R0.25DA)
UL-60950-1 Certified
EN-60950-1 Certified
EN-60601-1 Certified*
*(/H suffix)
Case and Pinning Options (note restrictions on /H option)
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “H” for 3kV Isolation, e.g. R0.25S-0505/H, R0.25D-0505/H, R0.25S12-0505/H, R0.25D12-0505/H
* add Suffix “P” for Continuous Short Circuit Protection, e.g. R0.25S8-0505/P, R0.25S-0505/HP, R0.25D12-0505/HP
* add suffix -R for tape & reel packing e.g. R0.25S-0505-R. For more details see Application Notes.
R0.25S
R0.25D(A)
ECONOLINE
DC/DC-Converter
Description The R0.25S and R0.25D converters are of the enclosed open frame type, i.e. they are not
potted. The converters are typically used in general purpose and industrial low ower
isolation and voltage matching applications where an SMD converter is required.
The converter series feature an extended ambient temperature operating range of -40°C
to +100°C without derating and optional continuous short circuit protection. In addition
to single, dual and independent outputs, two isolation options and three different case
formats, the converters are also available prepacked as tape and reel for use with
automatic insertion machines.
E358085
Refer to Application Notes
100
60
20
40
30
50
0
-40
115
150
Operating Temperature °C
0
80
Safe Operating Area
100
Big Case (with marking 12)
RoHS
2011/65/EU
6/6
REV: 0/2015
www.recom-power.com
E-8


Similar Part No. - R0.25S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.25S-0505 RECOM-R0.25S-0505 Datasheet
150Kb / 4P
Features
R0.25S-0509 RECOM-R0.25S-0509 Datasheet
150Kb / 4P
Features
R0.25S-0512 RECOM-R0.25S-0512 Datasheet
150Kb / 4P
Features
R0.25S-0515 RECOM-R0.25S-0515 Datasheet
150Kb / 4P
Features
R0.25S-0524 RECOM-R0.25S-0524 Datasheet
150Kb / 4P
Features
More results

Similar Description - R0.25S

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125068 SENSITRON-SHD125068 Datasheet
49Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125468 SENSITRON-SHD125468 Datasheet
55Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
logo
Emerson Network Power
AIF25R48 EMERSON-NETWORKPOWER-AIF25R48 Datasheet
109Kb / 2P
700W Continuous power at 100째C baseplate temperature
AIF EMERSON-NETWORKPOWER-AIF Datasheet
139Kb / 2P
600W Continuous power at 100째C baseplate temperature
AIH EMERSON-NETWORKPOWER-AIH Datasheet
139Kb / 2P
250W Continuous power at 100째C baseplate temperature
logo
Sensitron
SHD125668 SENSITRON-SHD125668_08 Datasheet
35Kb / 2P
HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
logo
Vicor Corporation
V24B28M200BL3 VICOR-V24B28M200BL3 Datasheet
856Kb / 15P
Maximum operating temp: 100째C, full load
V48C48T150BG VICOR-V48C48T150BG Datasheet
819Kb / 13P
Maximum operating temp: 100째C, full load
logo
Recom International Pow...
R1S_R1D RECOM-R1S_R1D Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1S-R1D RECOM-R1S-R1D Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com