Electronic Components Datasheet Search
  English  ▼

X  

R0.25S Datasheet(PDF) 4 Page - Recom International Power

Part # R0.25S
Description  Full Power at 100째C Ambient Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25S Datasheet(HTML) 4 Page - Recom International Power

  R0.25S Datasheet HTML 1Page - Recom International Power R0.25S Datasheet HTML 2Page - Recom International Power R0.25S Datasheet HTML 3Page - Recom International Power R0.25S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
12 PIN Single and Dual SMD Package
Bottom View
0.55
Top View
Separation
> 3.8 mm
2
5
RECOM
R0.25S_R0.25D12-xxxx
xxxx
1
15.24
6.7
2.54x5
7.0
12.00
1.80
7
2
15
1.20
7
6
8
11
12
6
8
11
12
3
10
3
10
11.10
10.7
8.50
Recommended Footprint Details
Note: /H option is available in
this pin package
EMC Filtering - Suggestion for EN55022 Class B (Conducted and Emitted)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
R0.25S** :** with marking 12 denotes 10 pins
out of 12 fitted (includes /H option)
e.g. R0.25S12-0505
R0.25S12-0505/H
R0.25S12-0505/HP
R0.25D** :** with marking 12 denotes 10 pins
out of 12 fitted (includes /H option)
e.g. R0.25D12-0505
R0.25D12-0505/H
R0.25D12-0505/HP
+
Fuse
Output
C1
Input
470pF/4kVDC
L1
+
Fuse
+Vout1
C1
Input
470pF/2kVDC
L1
-Vout1
+Vout2
-Vout2
470pF/2kVDC
R0.25S_R0.25D
Series
/P and /HP versions
C1
L1
Vin
2.2μF
3.3μH
3.3V
2.2μF
4.7μH
5V
1.0μF
22μH
12V
1.0μF
22μH
15V
470nF
47μH
24V
C1 = MLCC
L1 = SMD Inductor
Standard and /H versions
C1
L1
Vin
2.2μF
3.3μH
3.3V
2.2μF
4.7μH
5V
1.0μF
22μH
12V
1.0μF
22μH
15V
470nF
47μH
24V
+
Fuse
+Vout
C1
Input
470pF/4kVDC
L1
-Vout
Com
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
5
–Vout
Com
6
NC
-Vout
7NC
NC
8
+Vout
+Vout
10
NC
NC
11
NC
NC
12
NC
NC
NC = No Connection
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-11
www.recom-power.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com