Electronic Components Datasheet Search
  English  ▼

X  

RACM100 Datasheet(PDF) 2 Page - Recom International Power

Part # RACM100
Description  Long 5 Year Warranty
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM100 Datasheet(HTML) 2 Page - Recom International Power

  RACM100 Datasheet HTML 1Page - Recom International Power RACM100 Datasheet HTML 2Page - Recom International Power RACM100 Datasheet HTML 3Page - Recom International Power RACM100 Datasheet HTML 4Page - Recom International Power RACM100 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Factor
0.95
Internal Operating Frequency
60kHz
Output Ripple and Noise
20MHz BW
12VDC, with 10µF/25V MLCC
15VDC, with 10µF/25V MLCC
24VDC, with 1µF/50V MLCC
48VDC, with 0.1µF/100V MLCC
120mVp-p
150mVp-p
160mVp-p
340mVp-p
20
10
40
30
70
60
50
80 90 100
Load [%]
86
84
88
90
92
94
115VAC
230VAC
85
20
40
60
80
100
125
100
115
130
145
160
175
264
Input Voltage [V]
85
84
86
88
90
92
94
130 150
190 230
250
110
90
170
240
264
Input Voltage [V]
40
30
60
50
80
70
90
100
Load [%]
0
1
50% Load
100% Load
115VAC
230VAC
AC/DC Converter
MED-2
REV.: 6/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, 250VAC, full load and after warm-up)
PROTECTIONS
Parameter
Condition
Value
Input Fuse
internal line and neutral
T3.15A / 250VAC, slow blow type
Short Circuit Protection (SCP)
continuous, auto-recovery
Over Load Protection (OLP)
% of Iout rated
Hiccup Mode, 115% min. / 150% max.
Over Voltage Protection (OVP)
% of Vout nominal
Latch Mode, 115% min. / 135% max.
Isolation Voltage
I/P to O/P
I/P to Chassis
O/P to Chassis
working voltage
4kVAC / 1 minute
1.5kVAC / 1 minute
1.5kVAC / 1 minute
250VAC / continuous
continued on next page
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
230VAC, full load
±1%
Line Voltage Regulation
low line to high line, full load
±0.2%
Load Voltage Regulation
0% to 100% load
10% to 100% load
±0.5% max.
±0.4% max.
Transient Peak Deviation
load step from 50% - 75% change at 2.5A/µs
3% Vout max.
Transient Recovery Time
load step from 50% - 75% change at 2.5A/µs
500µs typ.
Efficiency vs. Load
Efficiency vs. Input Voltage
Load vs. Input Voltage
Power Factor vs. Load
RACM100
Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com