Electronic Components Datasheet Search
  English  ▼

X  

RACM100 Datasheet(PDF) 4 Page - Recom International Power

Part # RACM100
Description  Long 5 Year Warranty
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM100 Datasheet(HTML) 4 Page - Recom International Power

  RACM100 Datasheet HTML 1Page - Recom International Power RACM100 Datasheet HTML 2Page - Recom International Power RACM100 Datasheet HTML 3Page - Recom International Power RACM100 Datasheet HTML 4Page - Recom International Power RACM100 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC/DC Converter
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
enclosed
Aluminum
Package Dimension (LxWxH)
enclsoded
open frame
91.4 x 62.0 x 39.2mm
76.2 x 50.8 x 32.0mm
Package Weight
enclosed
open frame
210g
150g
continued on next page
76.2
22.1
FC 84.2
91.4
3.5
Trim Adj.
Ø4.0
36.5
MED-4
REV.: 6/2016
www.recom-power.com
Specifications (measured @ ta= 25°C, 250VAC, full load and after warm-up)
RACM100
Series
Dimension Drawing Enclosed (mm)
Side View
Top View
Surge
L-N ±1kV and L-GND/N-GND ±2kV
EN61000-4-5, Criteria A
Conducted Immunity
20Vr.m.s
EN61000-4-6, Criteria A
Power Frequency Magnetic Field
10A/m
EN61000-4-8, Criteria A
Voltage Dip and Interruptions
100/230VAC, 50Hz
30%
500ms
>95%
10ms
>95% 5000ms
EN61000-4-11, EN60601-1-2, Criteria A
EN61000-4-11, EN60601-1-2, Criteria A
EN61000-4-11, EN60601-1-2, Criteria B
Harmonic Current
full load
EN61000-3-2; Class D
Voltage Flicker
EN61000-3-3, PASS
Thermal Shock
MIL-STD-810F
Shock
IEC60068-2-27
Vibration
IEC60068-2-6
AC Input Vonnector (CON1)
Pin#
Terminal
Mating Housing
1 AC/L
3 AC/N
SVH-21T-P1.1
VHR-3N
DC Output Connector (CON2)
Pin#
Terminal
Mating Housing
1,2 -Vout
3,4 +Vout
SVH-21T-P1.1
VHR-4N
Tolerance:
±0.5mm
FC:
fixing center



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com