Electronic Components Datasheet Search
  English  ▼

X  

WM8737L Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
WM8737L
Preliminary Technical Data
w
AI Rev 3.0 May 2004
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, AVDD = MVDD = 3.3V, TA = +25
oC, 1kHz -0.5dBFS signal, Normal Power Mode, fs = 48kHz, PGA gain = 0dB,
24-bit audio data, unless otherwise stated. Microphone preamplifier at maximum bias (default) and gain 13dB, unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Preamplifier (LINPUT1/2/3, RINPUT1/2/3) to ADC
MICBOOST = 00
13
MICBOOST = 01
18
MICBOOST = 10
28
Microphone Pre-amp (Boost)
Gain
MICBOOST = 11
33
dB
Voltage at 1kHz
Micboost gain = 28dB
6
nV /
√Hz
Microphone preamplifier noise
(referred to input)
(A-weighted)
at 20Hz – 20kHz
Micboost gain = 28dB
0.7
-123
µV rms
dBV
Input Offset Voltage
1
5
mV
AVDD = 3.3V
600
Ω Rsource
109
AVDD=1.8V
600
Ω Rsource
102
Microphone preamplifier Signal
to Noise Ratio
(A-weighted)
(Note 1)
SNR
28 dB gain,
AVDD = 3.3V
600
Ω Rsource
94
dB
Dynamic Range (Note 2)
DNR
A-weighted, -60dBFS
Gain = 0dB
94
dB
13dB gain,
AVDD = 3.3V, Single
Channel
-74
0.0056
Total Harmonic Distortion
(Note 3)
THD
13dB gain,
AVDD=1.8V, Single
Channel
-73
0.02
dB
%
Channel Separation
-65
dB
Power Supply Rejection Ratio
PSRR
1kHz, 100mV pk-pk,
60
dB
Input Leakage
Microphone
preamplifier enabled
-10
1
10
µA
Input Resistance
Ω
500k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com