Electronic Components Datasheet Search
  English  ▼

X  

WM8737L Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8737L
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737L Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8737L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8737L Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
33
DIGITAL FILTER CHARACTERISTICS
The WM8737L has four different types of digital filter characteristics to suit different MCLK and
sample rates (see Master Clock and Audio Sample Rates).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter Type A
+/- 0.05dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-60
dB
High Pass Filter Corner
Frequency
-3dB
-0.5dB
-0.1dB
3.7
10.4
21.6
Hz
Table 22 Digital Filter Characteristics
TERMINOLOGY
Stop Band Attenuation (dB) - the degree to which the frequency spectrum is attenuated (outside audio band)
Pass-band Ripple – any variation of the frequency response in the pass-band region
The filter responses are shown on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com